Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS73024AB-12 Datasheet(PDF) 3 Page - GSI Technology

Part # GS73024AB-12
Description  Asynchronous SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS73024AB-12 Datasheet(HTML) 3 Page - GSI Technology

  GS73024AB-12 Datasheet HTML 1Page - GSI Technology GS73024AB-12 Datasheet HTML 2Page - GSI Technology GS73024AB-12 Datasheet HTML 3Page - GSI Technology GS73024AB-12 Datasheet HTML 4Page - GSI Technology GS73024AB-12 Datasheet HTML 5Page - GSI Technology GS73024AB-12 Datasheet HTML 6Page - GSI Technology GS73024AB-12 Datasheet HTML 7Page - GSI Technology GS73024AB-12 Datasheet HTML 8Page - GSI Technology GS73024AB-12 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Truth Table
CE
OE
WE
Mode
DQ0 to DQ23
VDD Current
H
X
X
Not selected
High Z
ISB1, ISB2
L
L
H
Read
Data Out
IDD
L
X
L
Write
Data In
L
H
H
Output disable
High Z
GS73024AB
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03 12/2005
3/12
© 2003, GSI Technology
X: “H” or “L”
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply Voltage
VDD
–0.5 to +4.6
V
Input Voltage
VIN
–0.5 to VDD +0.5
(
≤ 4.6 V max.)
V
Output Voltage
VOUT
–0.5 to VDD +0.5
(
≤ 4.6 V max.)
V
Allowable BGA power dissipation
PD
1.5
W
Storage temperature
TSTG
–55 to 150
oC
Note:
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional operation shall be restricted to Recommended
Operating Conditions. Exposure to higher than recommended voltages for extended periods of time could affect device reliability.


Similar Part No. - GS73024AB-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS73024B ETC-GS73024B Datasheet
218Kb / 11P
   128K X 24 3MB ASYNCHRONOUS SRAM
GS73024B-10 ETC-GS73024B-10 Datasheet
218Kb / 11P
   128K X 24 3MB ASYNCHRONOUS SRAM
GS73024B-10I ETC-GS73024B-10I Datasheet
218Kb / 11P
   128K X 24 3MB ASYNCHRONOUS SRAM
GS73024B-12 ETC-GS73024B-12 Datasheet
218Kb / 11P
   128K X 24 3MB ASYNCHRONOUS SRAM
GS73024B-12I ETC-GS73024B-12I Datasheet
218Kb / 11P
   128K X 24 3MB ASYNCHRONOUS SRAM
More results

Similar Description - GS73024AB-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS71116ATP ETC1-GS71116ATP Datasheet
398Kb / 16P
   1Mb Asynchronous SRAM
GS71116TP ETC1-GS71116TP Datasheet
220Kb / 15P
   1Mb Asynchronous SRAM
logo
White Electronic Design...
WED8L24258V WEDC-WED8L24258V Datasheet
443Kb / 5P
   Asynchronous SRAM, 3.3V, 256Kx24
WED8L24514V WEDC-WED8L24514V Datasheet
612Kb / 5P
   Asynchronous SRAM, 3.3V, 512Kx24
WED8L24513V WEDC-WED8L24513V Datasheet
364Kb / 6P
   Asynchronous SRAM, 3.3V, 512Kx24
EDI8L24128C WEDC-EDI8L24128C Datasheet
300Kb / 5P
   128Kx24 Asynchronous SRAM, 5V
WED8L24257V WEDC-WED8L24257V Datasheet
451Kb / 6P
   Asynchronous SRAM, 3.3V, 256Kx24
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74104TP GSI-GS74104TP Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com