Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS74108ATP Datasheet(PDF) 4 Page - GSI Technology

Part # GS74108ATP
Description  512K x 8 4Mb Asynchronous SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS74108ATP Datasheet(HTML) 4 Page - GSI Technology

  GS74108ATP Datasheet HTML 1Page - GSI Technology GS74108ATP Datasheet HTML 2Page - GSI Technology GS74108ATP Datasheet HTML 3Page - GSI Technology GS74108ATP Datasheet HTML 4Page - GSI Technology GS74108ATP Datasheet HTML 5Page - GSI Technology GS74108ATP Datasheet HTML 6Page - GSI Technology GS74108ATP Datasheet HTML 7Page - GSI Technology GS74108ATP Datasheet HTML 8Page - GSI Technology GS74108ATP Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Capacitance
Parameter
Symbol
Test Condition
Max
Unit
Input Capacitance
C
V = 0 V
5
pF
Output Capacitance
C
V
= 0 V
7
pF
GS74108ATP/J/X
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.07 1/2006
4/13
© 2001, Giga Semiconductor, Inc.
Notes:
1. Tested at TA = 25°C, f = 1 MHz
2. These parameters are sampled and are not 100% tested.
DC I/O Pin Characteristics
Parameter
Symbol
Test Conditions
Min
Max
Input Leakage
Current
IIL
VIN = 0 to VDD
– 1 uA
1 uA
Output Leakage
Current
ILO
Output High Z
VOUT = 0 to VDD
–1 uA
1 uA
Output High Voltage
VOH
I = –4 mA
2.4
Output Low Voltage
VOL
I = +4 mA
0.4 V
Power Supply Currents
Parameter
Symbol
Test Conditions
0 to 70°C
–40 to 85°C
8 ns
10 ns
12 ns
8 ns
10 ns
12 ns
Operating
Supply
Current
I
CE
≤ V
All other inputs
≥ V or ≤ V
Min. cycle time
I
= 0 mA
120 mA
95 mA
85 mA
130 mA
105 mA
95 mA
Standby
Current
I
CE
≥ V
All other inputs
≥ V or ≤V
Min. cycle time
30 mA
25 mA
22 mA
40 mA
35 mA
32 mA
Standby
Current
I
CE
≥ V - 0.2V
All other inputs
≥ V - 0.2V or ≤ 0.2V
10 mA
20 mA
IN
IN
OUT
OUT
OH
LO
DD
IL
IH
IL
OUT
SB1
IH
IH
IL
SB2
DD
DD


Similar Part No. - GS74108ATP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS74108J ETC-GS74108J Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
GS74108J-10 ETC-GS74108J-10 Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
GS74108J-10I ETC-GS74108J-10I Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
GS74108J-12 ETC-GS74108J-12 Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
GS74108J-12I ETC-GS74108J-12I Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
More results

Similar Description - GS74108ATP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS74108TP-10 ETC-GS74108TP-10 Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
logo
GSI Technology
GS74117AX GSI-GS74117AX Datasheet
348Kb / 12P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12I GSI-GS74116AGP-12I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74104TP GSI-GS74104TP Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116A GSI-GS74116A Datasheet
433Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74104ATP GSI-GS74104ATP Datasheet
489Kb / 11P
   1M x 4 4Mb Asynchronous SRAM
GS74116AGX-10I GSI-GS74116AGX-10I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS78116B GSI-GS78116B Datasheet
415Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com