Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8662S18E-300 Datasheet(PDF) 6 Page - GSI Technology

Part # GS8662S18E-300
Description  72Mb Burst of 2 DDR SigmaSIO-II SRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8662S18E-300 Datasheet(HTML) 6 Page - GSI Technology

Back Button GS8662S18E-300 Datasheet HTML 2Page - GSI Technology GS8662S18E-300 Datasheet HTML 3Page - GSI Technology GS8662S18E-300 Datasheet HTML 4Page - GSI Technology GS8662S18E-300 Datasheet HTML 5Page - GSI Technology GS8662S18E-300 Datasheet HTML 6Page - GSI Technology GS8662S18E-300 Datasheet HTML 7Page - GSI Technology GS8662S18E-300 Datasheet HTML 8Page - GSI Technology GS8662S18E-300 Datasheet HTML 9Page - GSI Technology GS8662S18E-300 Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Pin Description Table
Symbol
Description
Type
Comments
SA
Synchronous Address Inputs
Input
NC
No Connect
R/W
Read/Write Contol Pin
Input
Write Active Low; Read Active High
NW0–NW1
Synchronous Nybble Writes
Input
Active Low
x08 Version
BW0–BW1
Synchronous Byte Writes
Input
Active Low
x18 Version
BW0–BW3
Synchronous Byte Writes
Input
Active Low
x36 Version
K
Input Clock
Input
Active High
C
Output Clock
Input
Active High
TMS
Test Mode Select
Input
TDI
Test Data Input
Input
TCK
Test Clock Input
Input
TDO
Test Data Output
Output
VREF
HSTL Input Reference Voltage
Input
ZQ
Output Impedance Matching Input
Input
K
Input Clock
Input
Active Low
C
Output Clock
Output
Active Low
DOFF
DLL Disable
Active Low
LD
Synchronous Load Pin
Active Low
CQ
Output Echo Clock
Output
Active Low
CQ
Output Echo Clock
Output
Active High
Dn
Synchronous Data Inputs
Input
Qn
Synchronous Data Outputs
Output
VDD
Power Supply
Supply
1.8 V Nominal
VDDQ
Isolated Output Buffer Supply
Supply
1.8 or 1.5 V Nominal
VSS
Power Supply: Ground
Supply
Notes:
1. C, C, K, or K cannot be set to VREF voltage.
2. When ZQ pin is directly connected to VDD, output impedance is set to minimum value and it cannot be connected to ground or left
unconnected.
3. NC = Not Connected to die or any other pin
Preliminary
GS8662S08/09/18/36E-333/300/250/200/167
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.01 9/2005
6/37
© 2005, GSI Technology


Similar Part No. - GS8662S18E-300

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8662S08 GSI-GS8662S08 Datasheet
1Mb / 35P
   72Mb SigmaSIOTM DDR -II Burst of 2 SRAM
More results

Similar Description - GS8662S18E-300

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342S08E GSI-GS8342S08E Datasheet
1Mb / 39P
   36Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8182S18D GSI-GS8182S18D Datasheet
1Mb / 31P
   18Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8662T08E GSI-GS8662T08E Datasheet
1Mb / 37P
   72Mb SigmaCIO DDR-II Burst of 2 SRAM
GS8662S08 GSI-GS8662S08 Datasheet
1Mb / 35P
   72Mb SigmaSIOTM DDR -II Burst of 2 SRAM
GS8182S08 GSI-GS8182S08 Datasheet
764Kb / 36P
   18Mb Burst of 2 SigmaSIO DDR-IITM SRAM
GS8342S08 GSI-GS8342S08 Datasheet
502Kb / 35P
   36Mb SigmaSIO DDR-IITM Burst of 2 SRAM
GS8662R08E GSI-GS8662R08E Datasheet
1Mb / 37P
   72Mb SigmaCIO DDR-II Burst of 4 SRAM
GS8662TT20 GSI-GS8662TT20 Datasheet
443Kb / 31P
   72Mb SigmaDDRTM-II Burst of 2 SRAM
GS8662Q08E GSI-GS8662Q08E Datasheet
1Mb / 35P
   72Mb SigmaQuad-II Burst of 2 SRAM
GS8662Q37BD-333 GSI-GS8662Q37BD-333 Datasheet
502Kb / 28P
   72Mb SigmaQuad-IITM Burst of 2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com