Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS74104AGP-8 Datasheet(PDF) 7 Page - GSI Technology

Part # GS74104AGP-8
Description  1M x 4 4Mb Asynchronous SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS74104AGP-8 Datasheet(HTML) 7 Page - GSI Technology

Back Button GS74104AGP-8 Datasheet HTML 3Page - GSI Technology GS74104AGP-8 Datasheet HTML 4Page - GSI Technology GS74104AGP-8 Datasheet HTML 5Page - GSI Technology GS74104AGP-8 Datasheet HTML 6Page - GSI Technology GS74104AGP-8 Datasheet HTML 7Page - GSI Technology GS74104AGP-8 Datasheet HTML 8Page - GSI Technology GS74104AGP-8 Datasheet HTML 9Page - GSI Technology GS74104AGP-8 Datasheet HTML 10Page - GSI Technology GS74104AGP-8 Datasheet HTML 11Page - GSI Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Write Cycle
Parameter
Symbol
-8
-10
-12
Unit
Min
Max
Min
Max
Min
Max
Write cycle time
tWC
8
10
12
ns
Address valid to end of write
tAW
5.5
7
8
ns
Chip enable to end of write
tCW
5.5
7
8
ns
Data set up time
tDW
4
5
6
ns
Data hold time
tDH
0
0
0
ns
Write pulse width
tWP
5.5
7
8
ns
Address set up time
tAS
0
0
0
ns
Write recovery time (WE)
tWR
0
0
0
ns
Write recovery time (CE)
tWR1
0
0
0
ns
Output Low Z from end of write
tWLZ*
3
3
3
ns
Write to output in High Z
tWHZ*
3.5
4
5
ns
GS74104ATP/J
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.06 6/2006
7/11
© 2001, GSI Technology
* These parameters are sampled and are not 100% tested.
tWC
Address
CE
WE
Data In
OE
Data Out
tAW
tCW
tAS
tWP
tWR
tDW
tDH
tWLZ
tWHZ
DATA VALID
HIGH IMPEDANCE
Write Cycle 1: WE control


Similar Part No. - GS74104AGP-8

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS74104J-10 GSI-GS74104J-10 Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
GS74104J-10I GSI-GS74104J-10I Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
GS74104J-12 GSI-GS74104J-12 Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
GS74104J-12I GSI-GS74104J-12I Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
GS74104J-15 GSI-GS74104J-15 Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
More results

Similar Description - GS74104AGP-8

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS74104TP GSI-GS74104TP Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
GS74117AX GSI-GS74117AX Datasheet
348Kb / 12P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12I GSI-GS74116AGP-12I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116A GSI-GS74116A Datasheet
433Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGX-10I GSI-GS74116AGX-10I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74108ATP GSI-GS74108ATP Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS74108TP-10 ETC-GS74108TP-10 Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
logo
GSI Technology
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com