Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8342S09E-250I Datasheet(PDF) 11 Page - GSI Technology

Part # GS8342S09E-250I
Description  36Mb Burst of 2 DDR SigmaSIO-II SRAM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8342S09E-250I Datasheet(HTML) 11 Page - GSI Technology

Back Button GS8342S09E-250I Datasheet HTML 7Page - GSI Technology GS8342S09E-250I Datasheet HTML 8Page - GSI Technology GS8342S09E-250I Datasheet HTML 9Page - GSI Technology GS8342S09E-250I Datasheet HTML 10Page - GSI Technology GS8342S09E-250I Datasheet HTML 11Page - GSI Technology GS8342S09E-250I Datasheet HTML 12Page - GSI Technology GS8342S09E-250I Datasheet HTML 13Page - GSI Technology GS8342S09E-250I Datasheet HTML 14Page - GSI Technology GS8342S09E-250I Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Preliminary
GS8342S08/09/18/36E-333/300/250/200/167
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02 8/2005
11/39
© 2003, GSI Technology
FLXDrive-II Output Driver Impedance Control
HSTL I/O SigmaSIO-II SRAMs are supplied with programmable impedance output drivers. The ZQ pin must be connected to VSS
via an external resistor, RQ, to allow the SRAM to monitor and adjust its output driver impedance. The value of RQ must be 5X the
value of the intended line impedance driven by the SRAM. The allowable range of RQ to guarantee impedance matching with a
vendor-specified tolerance is between 150
Ω and 300Ω. Periodic readjustment of the output driver impedance is necessary as the
impedance is affected by drifts in supply voltage and temperature. The SRAM’s output impedance circuitry compensates for drifts
in supply voltage and temperature every 1024 cycles. A clock cycle counter periodically triggers an impedance evaluation, resets
and counts again. Each impedance evaluation may move the output driver impedance level one step at a time towards the optimum
level. The output driver is implemented with discrete binary weighted impedance steps. Impedance updates for “0s” occur
whenever the SRAM is driving “1s” for the same DQs (and vice-versa for “1s”) or the SRAM is in HI-Z.
Separate I/O Burst of 2 Sigma SIO-II SRAM Truth Table
A
LD
R/W
Current
Operation
D
D
Q
Q
K
(tn)
K
(tn)
K
(tn)
K
(tn)
K
(tn+1)
K
(tn+1)
K
(tn+1)
K
(tn+1)
X
1
X
Deselect
X
Hi-Z
V
0
1
Read
X
Q0
Q1
V
0
0
Write
D0
D1
Hi-Z
Notes:
1. “1” = input “high”; “0” = input “low”; “V” = input “valid”; “X” = input “don’t care”
2. “—” indicates that the input requirement or output state is determined by the next operation.
3. Q0 and Q1 indicate the first and second pieces of output data transferred during Read operations.
4. D0 and D1 indicate the first and second pieces of input data transferred during Write operations.
5. Qs are tristated for one cycle in response to Deselect and Write commands, one cycle after the command is sampled, except when pre-
ceded by a Read command.
6. CQ is never tristated.
7. Users should not clock in metastable addresses.


Similar Part No. - GS8342S09E-250I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342S08 GSI-GS8342S08 Datasheet
502Kb / 35P
   36Mb SigmaSIO DDR-IITM Burst of 2 SRAM
More results

Similar Description - GS8342S09E-250I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342S08 GSI-GS8342S08 Datasheet
502Kb / 35P
   36Mb SigmaSIO DDR-IITM Burst of 2 SRAM
GS8662S08E GSI-GS8662S08E Datasheet
1Mb / 37P
   72Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8182S18D GSI-GS8182S18D Datasheet
1Mb / 31P
   18Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8342T08E GSI-GS8342T08E Datasheet
1Mb / 37P
   36Mb SigmaCIO DDR-II Burst of 2 SRAM
GS8182S08 GSI-GS8182S08 Datasheet
764Kb / 36P
   18Mb Burst of 2 SigmaSIO DDR-IITM SRAM
GS8342R08E GSI-GS8342R08E Datasheet
1Mb / 37P
   36Mb SigmaCIO DDR-II Burst of 4 SRAM
GS8342Q07 GSI-GS8342Q07 Datasheet
407Kb / 28P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342QT19BGD-300I GSI-GS8342QT19BGD-300I Datasheet
503Kb / 29P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
8342QT07101937B GSI-8342QT07101937B Datasheet
503Kb / 29P
   36Mb SigmaQuad-II TM Burst of 2 SRAM
GS8342QT07BD-250I GSI-GS8342QT07BD-250I Datasheet
503Kb / 29P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com