Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS76024AB-10I Datasheet(PDF) 7 Page - GSI Technology

Part # GS76024AB-10I
Description  256K x 24 6Mb Asynchronous SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS76024AB-10I Datasheet(HTML) 7 Page - GSI Technology

Back Button GS76024AB-10I Datasheet HTML 3Page - GSI Technology GS76024AB-10I Datasheet HTML 4Page - GSI Technology GS76024AB-10I Datasheet HTML 5Page - GSI Technology GS76024AB-10I Datasheet HTML 6Page - GSI Technology GS76024AB-10I Datasheet HTML 7Page - GSI Technology GS76024AB-10I Datasheet HTML 8Page - GSI Technology GS76024AB-10I Datasheet HTML 9Page - GSI Technology GS76024AB-10I Datasheet HTML 10Page - GSI Technology GS76024AB-10I Datasheet HTML 11Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
tAA
tRC
Address
tAC
tLZ
tOE
tOLZ
CE
OE
Data Out
tHZ
tOHZ
Data valid
High impedance
GS76024AB
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02 12/2005
7/12
© 2003, GSI Technology
Read Cycle 2: WE = VIH
Write Cycle
Parameter
Symbol
-8
-10
-12
Unit
Min
Max
Min
Max
Min
Max
Write cycle time
tWC
8
10
12
ns
Address valid to end of write
tAW
5.5
7
8
ns
Chip enable to end of write
tCW
5.5
7
8
ns
Byte enable to end of write
tBW
5.5
7
8
ns
Data set up time
tDW
4
4.5
6
ns
Data hold time
tDH
0
0
0
ns
Write pulse width
tWP
5.5
7
8
ns
Address set up time
tAS
0
0
0
ns
Write recovery time (WE)
tWR
0
0
0
ns
Write recovery time (CE)
tWR1
0
0
0
ns
Output Low Z from end of write
tWLZ*
3
3
3
ns
Write to output in High Z
tWHZ*
3.5
4
5
ns
* These parameters are sampled and are not 100% tested.


Similar Part No. - GS76024AB-10I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS76024B GSI-GS76024B Datasheet
220Kb / 11P
   256K x 24 6Mb Asynchronous SRAM
GS76024B-10 GSI-GS76024B-10 Datasheet
220Kb / 11P
   256K x 24 6Mb Asynchronous SRAM
GS76024B-10I GSI-GS76024B-10I Datasheet
220Kb / 11P
   256K x 24 6Mb Asynchronous SRAM
GS76024B-12 GSI-GS76024B-12 Datasheet
220Kb / 11P
   256K x 24 6Mb Asynchronous SRAM
GS76024B-12I GSI-GS76024B-12I Datasheet
220Kb / 11P
   256K x 24 6Mb Asynchronous SRAM
More results

Similar Description - GS76024AB-10I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS76024B GSI-GS76024B Datasheet
220Kb / 11P
   256K x 24 6Mb Asynchronous SRAM
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS72108ATP ETC1-GS72108ATP Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
logo
GSI Technology
GS78132B GSI-GS78132B Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS78132AB GSI-GS78132AB Datasheet
684Kb / 12P
   256K x 32 8Mb Asynchronous SRAM
GS74116A GSI-GS74116A Datasheet
433Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS72108TP-10 GSI-GS72108TP-10 Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS74116AGX-10I GSI-GS74116AGX-10I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74117AX GSI-GS74117AX Datasheet
348Kb / 12P
   256K x 16 4Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com