Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8322Z18E-250IV Datasheet(PDF) 2 Page - GSI Technology

Part # GS8322Z18E-250IV
Description  36Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8322Z18E-250IV Datasheet(HTML) 2 Page - GSI Technology

  GS8322Z18E-250IV Datasheet HTML 1Page - GSI Technology GS8322Z18E-250IV Datasheet HTML 2Page - GSI Technology GS8322Z18E-250IV Datasheet HTML 3Page - GSI Technology GS8322Z18E-250IV Datasheet HTML 4Page - GSI Technology GS8322Z18E-250IV Datasheet HTML 5Page - GSI Technology GS8322Z18E-250IV Datasheet HTML 6Page - GSI Technology GS8322Z18E-250IV Datasheet HTML 7Page - GSI Technology GS8322Z18E-250IV Datasheet HTML 8Page - GSI Technology GS8322Z18E-250IV Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
GS8322Z18/36/72(B/E/C)-xxxV
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.05 6/2006
2/39
© 2002, GSI Technology
GS8322Z72C-xxxV Pad Out—209-Bump BGA—Top View (Package C)
1
2
3
4
5
6
7
8
9
10
11
A
DQG
DQG
A
E2
A
ADV
A
E3
A
DQB
DQB
A
B
DQG
DQG
BC
BG
NC
W
A
BB
BF
DQB
DQB
B
C
DQG
DQG
BH
BD
NC
E1
NC
BE
BA
DQB
DQB
C
D
DQG
DQG
VSS
NC
NC
G
NC
NC
VSS
DQB
DQB
D
E
DQPG
DQPC
VDDQ
VDDQ
VDD
VDD
VDD
VDDQ
VDDQ
DQPF
DQPB
E
F
DQC
DQC
VSS
VSS
VSS
ZQ
VSS
VSS
VSS
DQF
DQF
F
G
DQC
DQC
VDDQ
VDDQ
VDD
MCH
VDD
VDDQ
VDDQ
DQF
DQF
G
H
DQC
DQC
VSS
VSS
VSS
MCL
VSS
VSS
VSS
DQF
DQF
H
J
DQC
DQC
VDDQ
VDDQ
VDD
MCH
VDD
VDDQ
VDDQ
DQF
DQF
J
K
NC
NC
CK
NC
VSS
CKE
VSS
NC
NC
NC
NC
K
L
DQH
DQH
VDDQ
VDDQ
VDD
FT
VDD
VDDQ
VDDQ
DQA
DQA
L
M
DQH
DQH
VSS
VSS
VSS
MCL
VSS
VSS
VSS
DQA
DQA
M
N
DQH
DQH
VDDQ
VDDQ
VDD
MCH
VDD
VDDQ
VDDQ
DQA
DQA
N
P
DQH
DQH
VSS
VSS
VSS
ZZ
VSS
VSS
VSS
DQA
DQA
P
R
DQPD
DQPH
VDDQ
VDDQ
VDD
VDD
VDD
VDDQ
VDDQ
DQPA
DQPE
R
T
DQD
DQD
VSS
NC
NC
LBO
NC
NC
VSS
DQE
DQE
T
U
DQD
DQD
NC
A
NC
A
A
A
NC
DQE
DQE
U
V
DQD
DQD
A
A
A
A1
A
A
A
DQE
DQE
V
W
DQD
DQD
TMS
TDI
A
A0
A
TDO
TCK
DQE
DQE
W
11 x 19 Bump BGA—14 x 22 mm2 Body—1 mm Bump Pitch


Similar Part No. - GS8322Z18E-250IV

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8322Z18E-250I GSI-GS8322Z18E-250I Datasheet
763Kb / 38P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8322Z18E-250IT GSI-GS8322Z18E-250IT Datasheet
763Kb / 38P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

Similar Description - GS8322Z18E-250IV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS8320Z36T-166 ETC-GS8320Z36T-166 Datasheet
643Kb / 24P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
logo
GSI Technology
GS8321ZV18 GSI-GS8321ZV18 Datasheet
800Kb / 31P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8321Z36AGD-250IV GSI-GS8321Z36AGD-250IV Datasheet
305Kb / 32P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8322Z18 GSI-GS8322Z18 Datasheet
763Kb / 38P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8321Z18 GSI-GS8321Z18 Datasheet
1Mb / 34P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8322ZV18B GSI-GS8322ZV18B Datasheet
1Mb / 39P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8320Z18T GSI-GS8320Z18T Datasheet
463Kb / 24P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8320Z18T-V GSI-GS8320Z18T-V Datasheet
1,013Kb / 23P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8321Z18E GSI-GS8321Z18E Datasheet
1Mb / 34P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8320ZV18T GSI-GS8320ZV18T Datasheet
606Kb / 23P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com