Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS74108AGP-8 Datasheet(PDF) 3 Page - GSI Technology

Part # GS74108AGP-8
Description  512K x 8 4Mb Asynchronous SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS74108AGP-8 Datasheet(HTML) 3 Page - GSI Technology

  GS74108AGP-8 Datasheet HTML 1Page - GSI Technology GS74108AGP-8 Datasheet HTML 2Page - GSI Technology GS74108AGP-8 Datasheet HTML 3Page - GSI Technology GS74108AGP-8 Datasheet HTML 4Page - GSI Technology GS74108AGP-8 Datasheet HTML 5Page - GSI Technology GS74108AGP-8 Datasheet HTML 6Page - GSI Technology GS74108AGP-8 Datasheet HTML 7Page - GSI Technology GS74108AGP-8 Datasheet HTML 8Page - GSI Technology GS74108AGP-8 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Truth Table
CE
OE
WE
DQ1 to DQ8
VDD Current
H
X
X
Not Selected
ISB1, ISB2
L
L
H
Read
IDD
L
X
L
Write
L
H
H
High Z
GS74108ATP/J/X
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.07 1/2006
3/13
© 2001, Giga Semiconductor, Inc.
Note:
X: “H” or “L”
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply Voltage
VDD
–0.5 to +4.6
V
Input Voltage
VIN
–0.5 to VDD +0.5
(
≤ 4.6 V max.)
V
Output Voltage
VOUT
–0.5 to VDD +0.5
(
≤ 4.6 V max.)
V
Allowable power dissipation
PD
0.7
W
Storage temperature
TSTG
–55 to 150
oC
Note:
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional operation shall be restricted to Recommended
Operating Conditions. Exposure to higher than recommended voltages for extended periods of time could affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage for -8/-10/-12
VDD
3.0
3.3
3.6
V
Input High Voltage
VIH
2.0
VDD +0.3
V
Input Low Voltage
VIL
–0.3
0.8
V
Ambient Temperature,
Commercial Range
TAc
0
70
oC
Ambient Temperature,
Industrial Range
TAI
–40
85
oC
Notes:
1. Input overshoot voltage should be less than VDD +2 V and not exceed 20 ns.
2. Input undershoot voltage should be greater than –2 V and not exceed 20 ns.


Similar Part No. - GS74108AGP-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS74108J ETC-GS74108J Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
GS74108J-10 ETC-GS74108J-10 Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
GS74108J-10I ETC-GS74108J-10I Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
GS74108J-12 ETC-GS74108J-12 Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
GS74108J-12I ETC-GS74108J-12I Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
More results

Similar Description - GS74108AGP-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS74108TP-10 ETC-GS74108TP-10 Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
logo
GSI Technology
GS74117AX GSI-GS74117AX Datasheet
348Kb / 12P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12I GSI-GS74116AGP-12I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74104TP GSI-GS74104TP Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116A GSI-GS74116A Datasheet
433Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74104ATP GSI-GS74104ATP Datasheet
489Kb / 11P
   1M x 4 4Mb Asynchronous SRAM
GS74116AGX-10I GSI-GS74116AGX-10I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS78116B GSI-GS78116B Datasheet
415Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com