Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS78132AB Datasheet(PDF) 5 Page - GSI Technology

Part # GS78132AB
Description  256K x 32 8Mb Asynchronous SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS78132AB Datasheet(HTML) 5 Page - GSI Technology

  GS78132AB Datasheet HTML 1Page - GSI Technology GS78132AB Datasheet HTML 2Page - GSI Technology GS78132AB Datasheet HTML 3Page - GSI Technology GS78132AB Datasheet HTML 4Page - GSI Technology GS78132AB Datasheet HTML 5Page - GSI Technology GS78132AB Datasheet HTML 6Page - GSI Technology GS78132AB Datasheet HTML 7Page - GSI Technology GS78132AB Datasheet HTML 8Page - GSI Technology GS78132AB Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Power Supply Currents
Parameter
Symbol
Test Conditions
0 to 70°C
–40 to 85°C
8 ns
10 ns
12 ns
8 ns
10 ns
12 ns
Operating
Supply
Current
IDD
E
≤ VIL
All other inputs
≥ VIH or ≤ VIL
Min. cycle time
IOUT = 0 mA
260 mA
210 mA
180 mA
280 mA
230 mA
200 mA
Standby
Current
ISB1
E
≥ VIH
All other inputs
≥ VIH or ≤VIL
Min. cycle time
60 mA
50 mA
50 mA
80 mA
70 mA
70 mA
Standby
Current
ISB2
E
≥ VDD - 0.2V
All other inputs
≥ VDD - 0.2V or ≤ 0.2V
20 mA
40 mA
GS78132AB
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 5/2006
5/12
© 2003, GSI Technology
DQ
VT = 1.4 V
50
30pF1
DQ
3.3 V
Output Load 1
Output Load 2
589
434
5pF1
Notes:
1. Include scope and jig capacitance.
2. Test conditions as specified with output loading as shown in Fig. 1
unless otherwise noted
3. Output load 2 for tLZ, tHZ, tOLZ and tOHZ.
Parameter
Conditions
Input high level
VIH = 2.4 V
Input low level
VIL = 0.4 V
Input rise time
tr = 1 V/ns
Input fall time
tf = 1 V/ns
Input reference level
1.4 V
Output reference level
1.4 V
Output load
Fig. 1& 2
AC Test Conditions


Similar Part No. - GS78132AB

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS78132B GSI-GS78132B Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS78132B-10 GSI-GS78132B-10 Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS78132B-10I GSI-GS78132B-10I Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS78132B-12 GSI-GS78132B-12 Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS78132B-12I GSI-GS78132B-12I Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
More results

Similar Description - GS78132AB

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS78132B GSI-GS78132B Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
GS78108AB GSI-GS78108AB Datasheet
642Kb / 11P
   1M x 8 8Mb Asynchronous SRAM
GS78116AB GSI-GS78116AB Datasheet
643Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
GS78116B GSI-GS78116B Datasheet
415Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
logo
Micron Technology
MT58L256V36F MICRON-MT58L256V36F Datasheet
475Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 FLOW-THROUGH SYNCBURST SRAM
MT58L256V36P MICRON-MT58L256V36P Datasheet
393Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 PIPELINED, SCD SYNCBURST SRAM
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS72108ATP ETC1-GS72108ATP Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com