Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8342R36E-300 Datasheet(PDF) 4 Page - GSI Technology

Part # GS8342R36E-300
Description  36Mb SigmaCIO DDR-II Burst of 4 SRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8342R36E-300 Datasheet(HTML) 4 Page - GSI Technology

  GS8342R36E-300 Datasheet HTML 1Page - GSI Technology GS8342R36E-300 Datasheet HTML 2Page - GSI Technology GS8342R36E-300 Datasheet HTML 3Page - GSI Technology GS8342R36E-300 Datasheet HTML 4Page - GSI Technology GS8342R36E-300 Datasheet HTML 5Page - GSI Technology GS8342R36E-300 Datasheet HTML 6Page - GSI Technology GS8342R36E-300 Datasheet HTML 7Page - GSI Technology GS8342R36E-300 Datasheet HTML 8Page - GSI Technology GS8342R36E-300 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
4M x 9 SigmaCIO DDR-II SRAM—Top View
1
2
3
4
5
6
7
8
9
10
11
A
CQ
MCL/SA
(72Mb)
SA
R/W
NC
K
NC
LD
SA
SA
CQ
B
NC
NC
NC
SA
NC
K
BW
SA
NC
NC
DQ4
C
NC
NC
NC
VSS
SA
SA
SA
VSS
NC
NC
NC
D
NC
NC
NC
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
E
NC
NC
DQ5
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
DQ3
F
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
G
NC
NC
DQ6
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
H
Doff
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
DQ2
NC
K
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
L
NC
DQ7
NC
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
DQ1
M
NC
NC
NC
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
N
NC
NC
NC
VSS
SA
SA
SA
VSS
NC
NC
NC
P
NC
NC
DQ8
SA
SA
C
SA
SA
NC
NC
DQ0
R
TDO
TCK
SA
SA
SA
C
SA
SA
SA
TMS
TDI
11 x 15 Bump BGA—13 x 15 mm2 Body—1 mm Bump Pitch
Notes:
1. Unlike the x36 and x18 versions of this device, the x8 and x9 versions do not give the user access to A0 and A1. SA0 and SA1 are set to
0 at the beginning of each access.
2. MCL = Must Connect Low
Preliminary
GS8342R08/09/18/36E-333/300/250/200/167
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02 8/2005
4/37
© 2003, GSI Technology


Similar Part No. - GS8342R36E-300

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342D06 GSI-GS8342D06 Datasheet
412Kb / 30P
   36Mb SigmaQuad-II Burst of 4 SRAM
GS8342D06BD-350I GSI-GS8342D06BD-350I Datasheet
523Kb / 30P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342D06BD-450 GSI-GS8342D06BD-450 Datasheet
523Kb / 30P
   JEDEC-standard pinout and package
GS8342D06BD-500I GSI-GS8342D06BD-500I Datasheet
523Kb / 30P
   JEDEC-standard pinout and package
GS8342D06BD-550I GSI-GS8342D06BD-550I Datasheet
523Kb / 30P
   2.5 Clock Latency
More results

Similar Description - GS8342R36E-300

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342T08E GSI-GS8342T08E Datasheet
1Mb / 37P
   36Mb SigmaCIO DDR-II Burst of 2 SRAM
GS8662R08E GSI-GS8662R08E Datasheet
1Mb / 37P
   72Mb SigmaCIO DDR-II Burst of 4 SRAM
GS8662T08E GSI-GS8662T08E Datasheet
1Mb / 37P
   72Mb SigmaCIO DDR-II Burst of 2 SRAM
GS8342S08E GSI-GS8342S08E Datasheet
1Mb / 39P
   36Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8342D08E GSI-GS8342D08E Datasheet
1Mb / 37P
   36Mb SigmaQuad-II Burst of 4 SRAM
GS8342D06 GSI-GS8342D06 Datasheet
412Kb / 30P
   36Mb SigmaQuad-II Burst of 4 SRAM
GS8342Q08E GSI-GS8342Q08E Datasheet
1Mb / 34P
   36Mb SigmaQuad-II Burst of 4 SRAM
GS8342DT20BD-500 GSI-GS8342DT20BD-500 Datasheet
524Kb / 30P
   36Mb SigmaQuad-II Burst of 4 SRAM
GS8342D38BGD-350 GSI-GS8342D38BGD-350 Datasheet
523Kb / 30P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342D11BGD-350 GSI-GS8342D11BGD-350 Datasheet
523Kb / 30P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com