Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8644Z36E-150I Datasheet(PDF) 1 Page - GSI Technology

Part # GS8644Z36E-150I
Description  72Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8644Z36E-150I Datasheet(HTML) 1 Page - GSI Technology

  GS8644Z36E-150I Datasheet HTML 1Page - GSI Technology GS8644Z36E-150I Datasheet HTML 2Page - GSI Technology GS8644Z36E-150I Datasheet HTML 3Page - GSI Technology GS8644Z36E-150I Datasheet HTML 4Page - GSI Technology GS8644Z36E-150I Datasheet HTML 5Page - GSI Technology GS8644Z36E-150I Datasheet HTML 6Page - GSI Technology GS8644Z36E-150I Datasheet HTML 7Page - GSI Technology GS8644Z36E-150I Datasheet HTML 8Page - GSI Technology GS8644Z36E-150I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Preliminary
GS8644Z18/36E-xxxV
72Mb Pipelined and Flow Through
Synchronous NBT SRAM
250 MHz–133MHz
1.8 V or 2.5 V VDD
1.8 V or 2.5 V I/O
165-Bump BGA
Commercial Temp
Industrial Temp
Rev: 1.05 6/2006
1/30
© 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• NBT (No Bus Turn Around) functionality allows zero wait
Read-Write-Read bus utilization; fully pin-compatible with
both pipelined and flow through NtRAM™, NoBL™ and
ZBT™ SRAMs
• 1.8 V or 2.5 V core power supply and I/O supply
• User-configurable Pipeline and Flow Through mode
• ZQ mode pin for user-selectable high/low output drive
• IEEE 1149.1 JTAG-compatible Boundary Scan
• LBO pin for Linear or Interleave Burst mode
• Pin-compatible with 2Mb, 4Mb, 9Mb, 18Mb, and 36Mb
devices
• Byte write operation (9-bit Bytes)
• 3 chip enable signals for easy depth expansion
• ZZ Pin for automatic power-down
• JEDEC-standard 165-bump BGA package
• RoHS-compliant 165-bump BGA package available
Functional Description
The GS8644Z18/36E-xxxV is a 72Mbit Synchronous Static
SRAM. GSI's NBT SRAMs, like ZBT, NtRAM, NoBL or
other pipelined read/double late write or flow through read/
single late write SRAMs, allow utilization of all available bus
bandwidth by eliminating the need to insert deselect cycles
when the device is switched from read to write cycles.
Because it is a synchronous device, address, data inputs, and
read/write control inputs are captured on the rising edge of the
input clock. Burst order control (LBO) must be tied to a power
rail for proper operation. Asynchronous inputs include the
Sleep mode enable (ZZ) and Output Enable. Output Enable can
be used to override the synchronous control of the output
drivers and turn the RAM's output drivers off at any time.
Write cycles are internally self-timed and initiated by the rising
edge of the clock input. This feature eliminates complex off-
chip write pulse generation required by asynchronous SRAMs
and simplifies input signal timing.
The GS8644Z18/36E-xxxV may be configured by the user to
operate in Pipeline or Flow Through mode. Operating as a
pipelined synchronous device, in addition to the rising-edge-
triggered registers that capture input signals, the device
incorporates a rising edge triggered output register. For read
cycles, pipelined SRAM output data is temporarily stored by
the edge-triggered output register during the access cycle and
then released to the output drivers at the next rising edge of
clock.
The GS8644Z18/36E-xxxV is implemented with GSI's high
performance CMOS technology and is available in a JEDEC-
standard 165-bump BGA package.
Parameter Synopsis
-250 -225 -200 -166 -150 -133 Unit
Pipeline
3-1-1-1
tKQ
tCycle
3.0
4.0
3.0
4.4
3.0
5.0
3.0
6.0
3.3
6.7
3.5
7.5
ns
ns
Curr (x18)
Curr (x36)
385
450
360
415
335
385
305
345
295
325
265
295
mA
mA
Flow
Through
2-1-1-1
tKQ
tCycle
6.5
6.5
6.5
6.5
6.5
6.5
8.0
8.0
8.5
8.5
8.5
8.5
ns
ns
Curr (x18)
Curr (x36)
265
290
265
290
265
290
255
280
240
265
225
245
mA
mA


Similar Part No. - GS8644Z36E-150I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS8644Z36E-150I ETC-GS8644Z36E-150I Datasheet
1Mb / 39P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
logo
GSI Technology
GS8644Z36E-150I GSI-GS8644Z36E-150I Datasheet
556Kb / 32P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

Similar Description - GS8644Z36E-150I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8644Z36GE-200 GSI-GS8644Z36GE-200 Datasheet
556Kb / 32P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8642Z18B GSI-GS8642Z18B Datasheet
1Mb / 34P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
logo
List of Unclassifed Man...
GS8644Z18 ETC-GS8644Z18 Datasheet
1Mb / 39P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
logo
GSI Technology
GS8642ZV18B GSI-GS8642ZV18B Datasheet
1Mb / 32P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8640Z18T GSI-GS8640Z18T Datasheet
972Kb / 25P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8640Z18T-V GSI-GS8640Z18T-V Datasheet
914Kb / 22P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8644ZV18B GSI-GS8644ZV18B Datasheet
1Mb / 37P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8640ZV18T GSI-GS8640ZV18T Datasheet
582Kb / 23P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8640Z18GT-250I GSI-GS8640Z18GT-250I Datasheet
271Kb / 25P
   72Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8322Z18 GSI-GS8322Z18 Datasheet
763Kb / 38P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com