Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS78132B-12 Datasheet(PDF) 6 Page - GSI Technology

Part # GS78132B-12
Description  256K x 32 8Mb Asynchronous SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS78132B-12 Datasheet(HTML) 6 Page - GSI Technology

Back Button GS78132B-12 Datasheet HTML 2Page - GSI Technology GS78132B-12 Datasheet HTML 3Page - GSI Technology GS78132B-12 Datasheet HTML 4Page - GSI Technology GS78132B-12 Datasheet HTML 5Page - GSI Technology GS78132B-12 Datasheet HTML 6Page - GSI Technology GS78132B-12 Datasheet HTML 7Page - GSI Technology GS78132B-12 Datasheet HTML 8Page - GSI Technology GS78132B-12 Datasheet HTML 9Page - GSI Technology GS78132B-12 Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
5HY=#4134#525333
9244
‹#4<<</#*LJD#6HPLFRQGXFWRU/#,QF1
6SHFLILFDWLRQV#FLWHG#DUH#VXEMHFW#WR#FKDQJH#ZLWKRXW#QRWLFH1#)RU#ODWHVW#GRFXPHQWDWLRQ#VHH#KWWS=22ZZZ1JVLWHFKQRORJ\1FRP1
%
Preliminary
*6:;465%
$&#&KDUDFWHULVWLFV#
5HDG#&\FOH#4=&(# #2(# #9,/#/#:(# #9,+/#%$# #%%# #%&# #%'# #9,/
5HDG#&\FOH
3DUDPHWHU
6\PERO
043
045
048
8QLW
0LQ 0D[ 0LQ 0D[ 0LQ 0D[
5HDG#F\FOH#WLPH
W5&
43
000
45
000
48
000
QV
$GGUHVV#DFFHVV#WLPH
W$$
000
43
000
45
000
48
QV
&KLS#HQDEOH#DFFHVV#WLPH#+&(,
W$&
000
43
000
45
000
48
QV
%\WH#HQDEOH#DFFHVV#WLPH
W$%
000
7
000
8
000
9
QV
2XWSXW#HQDEOH#WR#RXWSXW#YDOLG#+2(,
W2(
000
7
000
8
000
9
QV
2XWSXW#KROG#IURP#DGGUHVV#FKDQJH
W2+
6
000
6
000
6
000
QV
&KLS#HQDEOH#WR#RXWSXW#LQ#ORZ#=#+&(,
W/=-
6
000
6
000
6
000
QV
2XWSXW#HQDEOH#WR#RXWSXW#LQ#ORZ#=#+2(,
W2/=-
3
000
3
000
3
000
QV
%\WH#HQDEOH#WR#RXWSXW#LQ#ORZ#=#
W%/=-
3
000
3
000
3
000
QV
&KLS#GLVDEOH#WR#RXWSXW#LQ#+LJK#=#+&(,
W+=-
000
8
000
9
000
:
QV
2XWSXW#GLVDEOH#WR#RXWSXW#LQ#+LJK#=#+2(,
W2+=-
000
7
000
8
000
9
QV
%\WH#GLVDEOH#WR#RXWSXW#LQ#+LJK#=#
W%+=-
000
7
000
8
000
9
QV
W$$
W2+
W5&
$GGUHVV
'DWD#2XW
3UHYLRXV#'DWD
'DWD#YDOLG


Similar Part No. - GS78132B-12

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS78132AB GSI-GS78132AB Datasheet
684Kb / 12P
   256K x 32 8Mb Asynchronous SRAM
GS78132AB-10 GSI-GS78132AB-10 Datasheet
684Kb / 12P
   256K x 32 8Mb Asynchronous SRAM
GS78132AB-10I GSI-GS78132AB-10I Datasheet
684Kb / 12P
   256K x 32 8Mb Asynchronous SRAM
GS78132AB-12 GSI-GS78132AB-12 Datasheet
684Kb / 12P
   256K x 32 8Mb Asynchronous SRAM
GS78132AB-12I GSI-GS78132AB-12I Datasheet
684Kb / 12P
   256K x 32 8Mb Asynchronous SRAM
More results

Similar Description - GS78132B-12

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS78132AB GSI-GS78132AB Datasheet
684Kb / 12P
   256K x 32 8Mb Asynchronous SRAM
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
GS78108AB GSI-GS78108AB Datasheet
642Kb / 11P
   1M x 8 8Mb Asynchronous SRAM
GS78116AB GSI-GS78116AB Datasheet
643Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
GS78116B GSI-GS78116B Datasheet
415Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
logo
Micron Technology
MT58L256V36F MICRON-MT58L256V36F Datasheet
475Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 FLOW-THROUGH SYNCBURST SRAM
MT58L256V36P MICRON-MT58L256V36P Datasheet
393Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 PIPELINED, SCD SYNCBURST SRAM
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS72108ATP ETC1-GS72108ATP Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com