Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS78132B-12I Datasheet(PDF) 10 Page - GSI Technology

Part # GS78132B-12I
Description  256K x 32 8Mb Asynchronous SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS78132B-12I Datasheet(HTML) 10 Page - GSI Technology

Back Button GS78132B-12I Datasheet HTML 3Page - GSI Technology GS78132B-12I Datasheet HTML 4Page - GSI Technology GS78132B-12I Datasheet HTML 5Page - GSI Technology GS78132B-12I Datasheet HTML 6Page - GSI Technology GS78132B-12I Datasheet HTML 7Page - GSI Technology GS78132B-12I Datasheet HTML 8Page - GSI Technology GS78132B-12I Datasheet HTML 9Page - GSI Technology GS78132B-12I Datasheet HTML 10Page - GSI Technology GS78132B-12I Datasheet HTML 11Page - GSI Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
5HY=#4134#525333
43244
‹#4<<</#*LJD#6HPLFRQGXFWRU/#,QF1
6SHFLILFDWLRQV#FLWHG#DUH#VXEMHFW#WR#FKDQJH#ZLWKRXW#QRWLFH1#)RU#ODWHVW#GRFXPHQWDWLRQ#VHH#KWWS=22ZZZ1JVLWHFKQRORJ\1FRP1
%
Preliminary
*6:;465%
3DFNDJH#'LPHQVLRQV#0#44<#3LQ#3%*$##
%35#4<<<13814;
##1
3
##
$
##%
#3LQýì
&RUQHU
ýý
$
%
&
'
(
)
*
+
-
.
/
0
1
3
5
7
8
*
6
'
4
5
6
7
8
9
:
#3DFNDJH#'LPHQVLRQV#0#44<#3LQ#3%*$
8QLW=#PP
6\PERO
'HVFULSWLRQ
0LQ1 1RP1 0D[
$:LGWK
461;
4713
4715
%
/HQJWK
541;
5513
5515
&
3DFNDJH#+HLJKW#+LQFOXGLQJ#EDOO,
0
5173
'%DOO#6L]H
3193
31:8
31<3
(%DOO#+HLJKW
3183
3193
31:3
)
3DFNDJH#+HLJKW#+H[FOXGLQJ#EDOOV,
4179
41:3
*:LGWK#EHWZHHQ#%DOOV
415:
.
3DFNDJH#+HLJKW#DERYH#ERDUG#
31;3
31<3
4133
1&XW0RXW#3DFNDJH#:LGWK
45133
3)RRW#/HQJWK
4<183
5:LGWK#RI#SDFNDJH#EHWZHHQ#EDOOV
:195
6
/HQJWK#RI#SDFNDJH#EHWZHHQ#EDOOV
53165
7
9DULDQFH#RI#%DOO#+HLJKW
3148
%RWWRPý9LHZ
5
7RSý9LHZ
6LGHý9LHZ


Similar Part No. - GS78132B-12I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS78132AB GSI-GS78132AB Datasheet
684Kb / 12P
   256K x 32 8Mb Asynchronous SRAM
GS78132AB-10 GSI-GS78132AB-10 Datasheet
684Kb / 12P
   256K x 32 8Mb Asynchronous SRAM
GS78132AB-10I GSI-GS78132AB-10I Datasheet
684Kb / 12P
   256K x 32 8Mb Asynchronous SRAM
GS78132AB-12 GSI-GS78132AB-12 Datasheet
684Kb / 12P
   256K x 32 8Mb Asynchronous SRAM
GS78132AB-12I GSI-GS78132AB-12I Datasheet
684Kb / 12P
   256K x 32 8Mb Asynchronous SRAM
More results

Similar Description - GS78132B-12I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS78132AB GSI-GS78132AB Datasheet
684Kb / 12P
   256K x 32 8Mb Asynchronous SRAM
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
GS78108AB GSI-GS78108AB Datasheet
642Kb / 11P
   1M x 8 8Mb Asynchronous SRAM
GS78116AB GSI-GS78116AB Datasheet
643Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
GS78116B GSI-GS78116B Datasheet
415Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
logo
Micron Technology
MT58L256V36F MICRON-MT58L256V36F Datasheet
475Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 FLOW-THROUGH SYNCBURST SRAM
MT58L256V36P MICRON-MT58L256V36P Datasheet
393Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 PIPELINED, SCD SYNCBURST SRAM
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS72108ATP ETC1-GS72108ATP Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com