Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS84118AB-150I Datasheet(PDF) 8 Page - GSI Technology

Part # GS84118AB-150I
Description  256K x 18 Sync Cache Tag
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS84118AB-150I Datasheet(HTML) 8 Page - GSI Technology

Back Button GS84118AB-150I Datasheet HTML 4Page - GSI Technology GS84118AB-150I Datasheet HTML 5Page - GSI Technology GS84118AB-150I Datasheet HTML 6Page - GSI Technology GS84118AB-150I Datasheet HTML 7Page - GSI Technology GS84118AB-150I Datasheet HTML 8Page - GSI Technology GS84118AB-150I Datasheet HTML 9Page - GSI Technology GS84118AB-150I Datasheet HTML 10Page - GSI Technology GS84118AB-150I Datasheet HTML 11Page - GSI Technology GS84118AB-150I Datasheet HTML 12Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
GS84118AT/B-166/150/130/100
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02 4/2005
8/20
© 2001, GSI Technology
Notes:
1. X means “don’t care,” H means “logic high,” L means “logic low.”
2. Write is the logic function of GW, BWE, BW1, BW2. See Byte Write Function table for detail.
3. CE is defined as CE1=L, CE2=H and CE3=L
4. All signals are synchronous and are sampled by CLK except OE and MOE. OE and MOE are asynchronous and drive the bus immediately.
Note:
Permanent damage to the device may occur if the Absolute Maximun Ratings are exceeded. Functional operation should be restricted to the
recommended operation conditions. Exposure to higher than recommended voltages, for an extended period of time, could effect the
performance and reliability of this component.
Truth Table For Read/Write/Compare/Fill Write Operation
CE
Write
DE
MOE
OE
Match
DQ
Read
L
H
X
X
L
Q
Write
LLL
X
H
D
Compare
L
H
L
L
H
Data Out
D
Fill Write
L
L
H
X
X
X
Match Deselect
H
X
X
L
X
High
High Z
Deselect
H
X
X
H
X
High Z
High Z
Absolute Maximum Ratings (Voltage reference to VSS = 0 V)
Symbol
Description
Commerical
Unit
VDD
Supply Voltage
–0.5 to 4.6
V
VDDQ
Output Supply Voltage
–0.5 to VDD
V
VCLK
CLK Input Voltage
–0.5 to 6
V
Vin
Input Voltage
–0.5 to VDD + 0.5
(
≤ 4.6 V max. )
V
Vout
Output Voltage
–0.5 to VDD + 0.5
(
≤ 4.6 V max. )
V
Iout
Output Current per I/O
+/–20
mA
PD
Power Dissipation
1.5
W
TOPR
Operating Temperature
0 to 70
oC
TSTG
Storage Temperature
–55 to 125
oC


Similar Part No. - GS84118AB-150I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS84118B-100 GSI-GS84118B-100 Datasheet
501Kb / 30P
   256K x 18 Sync Cache Tag
GS84118B-100I GSI-GS84118B-100I Datasheet
501Kb / 30P
   256K x 18 Sync Cache Tag
GS84118B-133 GSI-GS84118B-133 Datasheet
501Kb / 30P
   256K x 18 Sync Cache Tag
GS84118B-150 GSI-GS84118B-150 Datasheet
501Kb / 30P
   256K x 18 Sync Cache Tag
GS84118B-150I GSI-GS84118B-150I Datasheet
501Kb / 30P
   256K x 18 Sync Cache Tag
More results

Similar Description - GS84118AB-150I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS841E18AT GSI-GS841E18AT Datasheet
600Kb / 21P
   256K x 18 Sync Cache Tag
GS84118T-166 GSI-GS84118T-166 Datasheet
501Kb / 30P
   256K x 18 Sync Cache Tag
logo
Cypress Semiconductor
CY7C1359A CYPRESS-CY7C1359A Datasheet
237Kb / 24P
   256K x 18 Synchronous-Pipelined Cache Tag RAM
logo
Weida Semiconductor, In...
WCSS0418V1P WEIDA-WCSS0418V1P Datasheet
664Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1325B CYPRESS-CY7C1325B Datasheet
339Kb / 17P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0418V1F WEIDA-WCSS0418V1F Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Cypress Semiconductor
CY7C1327B CYPRESS-CY7C1327B Datasheet
596Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
CY7C1325 CYPRESS-CY7C1325 Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0436V1P WEIDA-WCSS0436V1P Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Motorola, Inc
MCM69T618 MOTOROLA-MCM69T618 Datasheet
177Kb / 10P
   64K x 18 Bit Synchronous Pipelined Cache Tag RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com