Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT544N Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74ABT544N
Description  Octal latched transceiver with dual enable, inverting 3-State
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT544N Datasheet(HTML) 10 Page - NXP Semiconductors

  74ABT544N Datasheet HTML 1Page - NXP Semiconductors 74ABT544N Datasheet HTML 2Page - NXP Semiconductors 74ABT544N Datasheet HTML 3Page - NXP Semiconductors 74ABT544N Datasheet HTML 4Page - NXP Semiconductors 74ABT544N Datasheet HTML 5Page - NXP Semiconductors 74ABT544N Datasheet HTML 6Page - NXP Semiconductors 74ABT544N Datasheet HTML 7Page - NXP Semiconductors 74ABT544N Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 8 page
background image
9397 750 14756
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 20 April 2005
10 of 19
Philips Semiconductors
74ABT544
Octal latched transceiver with dual enable; inverting; 3-state
12. Waveforms
tsu(H)
set-up time HIGH
An to LEAB, Bn to LEBA
see Figure 9
3.0
-
-
ns
An to EAB, Bn to EBA
see Figure 9
3.0
-
-
ns
tsu(L)
set-up time LOW
An to LEAB, Bn to LEBA
see Figure 9
3.0
-
-
ns
An to EAB, Bn to EBA
see Figure 9
3.0
-
-
ns
th(H)
hold time HIGH
An to LEAB, Bn to LEBA
see Figure 9
0.5
-
-
ns
An to EAB, Bn to EBA
see Figure 9
0.5
-
-
ns
th(L)
hold time LOW
An to LEAB, Bn to LEBA
see Figure 9
0.5
-
-
ns
An to EAB, Bn to EBA
see Figure 9
0.5
-
-
ns
twL
pulse width LOW LEAB and LEBA
see Figure 9
3.5
-
-
ns
Table 8:
Dynamic characteristics …continued
GND = 0 V; for test circuit see Figure 10.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VM = 1.5 V.
VOL and VOH are typical voltage output drop that occur with the output load.
Fig 5.
Propagation delay for inverting output
VM = 1.5 V.
VOL and VOH are typical voltage output drop that occur with the output load.
Fig 6.
Propagation delay for non-inverting output
001aac759
VOL
VOH
VM
VM
tPHL
tPLH
VM
VM
An, Bn,
LEBA, LEAB input
VI
GND
An, Bn output
001aac761
VOL
VOH
VI
VM
VM
tPLH
tPHL
VM
VM
GND
LEBA, LEAB input
An, Bn output


Similar Part No. - 74ABT544N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT544N PHILIPS-74ABT544N Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
More results

Similar Description - 74ABT544N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT544 NXP-74ABT544 Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
74ABT543A PHILIPS-74ABT543A Datasheet
115Kb / 12P
   Octal latched transceiver with dual enable (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ABT543A NEXPERIA-74ABT543A Datasheet
267Kb / 17P
   Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
logo
NXP Semiconductors
74F543 NXP-74F543 Datasheet
99Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 04-26 January 2010
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74ABT620 PHILIPS-74ABT620 Datasheet
47Kb / 11P
   Octal transceiver with dual enable, inverting 3-State
1993 Jun 21
74LVT543 PHILIPS-74LVT543 Datasheet
103Kb / 12P
   3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
74ABT623 PHILIPS-74ABT623 Datasheet
104Kb / 10P
   Octal transceiver with dual enable, non-inverting; 3-State
1998 Jan 16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com