Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS815018AB-250I Datasheet(PDF) 9 Page - GSI Technology

Part # GS815018AB-250I
Description  1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS815018AB-250I Datasheet(HTML) 9 Page - GSI Technology

Back Button GS815018AB-250I Datasheet HTML 5Page - GSI Technology GS815018AB-250I Datasheet HTML 6Page - GSI Technology GS815018AB-250I Datasheet HTML 7Page - GSI Technology GS815018AB-250I Datasheet HTML 8Page - GSI Technology GS815018AB-250I Datasheet HTML 9Page - GSI Technology GS815018AB-250I Datasheet HTML 10Page - GSI Technology GS815018AB-250I Datasheet HTML 11Page - GSI Technology GS815018AB-250I Datasheet HTML 12Page - GSI Technology GS815018AB-250I Datasheet HTML 13Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Capacitance
oC, f = 1 MHZ, VDD
Parameter
Symbol
Test conditions
Max.
Unit
Input Capacitance
CIN
VIN = 0 V
4
pF
Output Capacitance
COUT
VOUT = 0 V
5
pF
Output Capacitance (Clock)
CIN(CK)
VIN = 0 V
5
pF
GS815018/36AB-357/333/300/250
Product Preview
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.05 10/2005
9/25
© 2003, GSI Technology
Note:
This parameter is sample tested.
AC Test Conditions
Parameter
Conditions
Input high level
1.25 V
Input low level
0.25 V
Input rise/fall time (10% to 90%)
0.5 ns/0.5 ns
Input reference level
VDDQ/2
Clock input reference level
Differential cross point
Output reference level
VDDQ/2
Clock (VDIF)
0.75 V
Clock (VCM)
0.75 V
VDDQ
1.5 V
RQ
250
DQ
VDDQ/2
50
50
50
50
VDDQ/2
VDDQ/2
25
5pF
5pF
Device Under Test
VDDQ = 1.5 V
ZQ
RQ = 250
AC Test Load Diagram
(TA = 25
= 1.8 V)


Similar Part No. - GS815018AB-250I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8150V18AB GSI-GS8150V18AB Datasheet
797Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS8150V18AB-250 GSI-GS8150V18AB-250 Datasheet
797Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS8150V18AB-250I GSI-GS8150V18AB-250I Datasheet
797Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS8150V18AB-300 GSI-GS8150V18AB-300 Datasheet
797Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS8150V18AB-300I GSI-GS8150V18AB-300I Datasheet
797Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
More results

Similar Description - GS815018AB-250I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8150V18AB GSI-GS8150V18AB Datasheet
797Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
logo
Cypress Semiconductor
CY7C1330AV25 CYPRESS-CY7C1330AV25 Datasheet
397Kb / 19P
   18-Mbit (512K x 36/1Mbit x 18) Pipelined Register-Register Late Write
logo
GSI Technology
GS8161E18BT GSI-GS8161E18BT Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT-V GSI-GS8161E18BT-V Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
logo
Cypress Semiconductor
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
logo
GSI Technology
GS8160E18T GSI-GS8160E18T Datasheet
622Kb / 25P
   1M x 18, 512K x 36 18Mb Sync Burst SRAMs
GS816018BT GSI-GS816018BT Datasheet
925Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160F18T GSI-GS8160F18T Datasheet
544Kb / 22P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18BT-V GSI-GS8160E18BT-V Datasheet
926Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com