Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS816272C-150 Datasheet(PDF) 11 Page - GSI Technology

Part # GS816272C-150
Description  256K x 72 18Mb Sync Burst SRAMs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS816272C-150 Datasheet(HTML) 11 Page - GSI Technology

Back Button GS816272C-150 Datasheet HTML 7Page - GSI Technology GS816272C-150 Datasheet HTML 8Page - GSI Technology GS816272C-150 Datasheet HTML 9Page - GSI Technology GS816272C-150 Datasheet HTML 10Page - GSI Technology GS816272C-150 Datasheet HTML 11Page - GSI Technology GS816272C-150 Datasheet HTML 12Page - GSI Technology GS816272C-150 Datasheet HTML 13Page - GSI Technology GS816272C-150 Datasheet HTML 14Page - GSI Technology GS816272C-150 Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
GS816272C
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 2.18 11/2005
11/31
© 1999, GSI Technology
50% tKC
VSS – 2.0 V
50%
VSS
VIH
Undershoot Measurement and Timing
Overshoot Measurement and Timing
50% tKC
VDD + 2.0 V
50%
VDD
VIL
Capacitance
oC, f = 1 MHZ, VDD
Parameter
Symbol
Test conditions
Typ.
Max.
Unit
Input Capacitance
CIN
VIN = 0 V
4
5
pF
Input/Output Capacitance
CI/O
VOUT = 0 V
6
7
pF
Note:
These parameters are sample tested.
AC Test Conditions
Parameter
Conditions
Input high level
VDD – 0.2 V
Input low level
0.2 V
Input slew rate
1 V/ns
Input reference level
VDD/2
Output reference level
VDDQ/2
Output load
Fig. 1
Notes:
1. Include scope and jig capacitance.
2. Test conditions as specified with output loading as shown in Fig. 1
unless otherwise noted.
3. Device is deselected as defined by the Truth Table.
DQ
VDDQ/2
50
30pF*
Output Load 1
* Distributed Test Jig Capacitance
(TA = 25
= 2.5 V)


Similar Part No. - GS816272C-150

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS816272C-150 GSI-GS816272C-150 Datasheet
1Mb / 41P
   1M x 18, 512K x 36, 256K x 72 18Mb Sync Burst SRAMs
GS816272C-150I GSI-GS816272C-150I Datasheet
1Mb / 41P
   1M x 18, 512K x 36, 256K x 72 18Mb Sync Burst SRAMs
More results

Similar Description - GS816272C-150

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS816273C GSI-GS816273C Datasheet
516Kb / 25P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS8162V72CC GSI-GS8162V72CC Datasheet
661Kb / 29P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816272CC GSI-GS816272CC Datasheet
868Kb / 31P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816272CC-V GSI-GS816272CC-V Datasheet
1Mb / 29P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816273CC-250V GSI-GS816273CC-250V Datasheet
1Mb / 28P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816273CC GSI-GS816273CC Datasheet
1Mb / 28P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816218B GSI-GS816218B Datasheet
1Mb / 41P
   1M x 18, 512K x 36, 256K x 72 18Mb Sync Burst SRAMs
GS880V37BT GSI-GS880V37BT Datasheet
489Kb / 18P
   256K x 36 9Mb Sync Burst SRAMs
GS880V37AT GSI-GS880V37AT Datasheet
384Kb / 18P
   256K x 36 9Mb Sync Burst SRAMs
GS8160E18T GSI-GS8160E18T Datasheet
622Kb / 25P
   1M x 18, 512K x 36 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com