Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS816272CC-200V Datasheet(PDF) 2 Page - GSI Technology

Part # GS816272CC-200V
Description  256K x 72 18Mb S/DCD Sync Burst SRAMs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS816272CC-200V Datasheet(HTML) 2 Page - GSI Technology

  GS816272CC-200V Datasheet HTML 1Page - GSI Technology GS816272CC-200V Datasheet HTML 2Page - GSI Technology GS816272CC-200V Datasheet HTML 3Page - GSI Technology GS816272CC-200V Datasheet HTML 4Page - GSI Technology GS816272CC-200V Datasheet HTML 5Page - GSI Technology GS816272CC-200V Datasheet HTML 6Page - GSI Technology GS816272CC-200V Datasheet HTML 7Page - GSI Technology GS816272CC-200V Datasheet HTML 8Page - GSI Technology GS816272CC-200V Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
1
2
3
4
5
6
7
8
9
10
11
A
DQG
DQG
A
E2
ADSP
ADSC
ADV
E3
A
DQB
DQB
B
DQG
DQG
BC
BG
NC
BW
A
BB
BF
DQB
DQB
C
DQG
DQG
BH
BD
NC
E1
NC
BE
BA
DQB
DQB
D
DQG
DQG
VSS
NC
NC
G
GW
NC
VSS
DQB
DQB
E
DQPG
DQPC
VDDQ
VDDQ
VDD
VDD
VDD
VDDQ
VDDQ
DQPF
DQPB
F
DQC
DQC
VSS
VSS
VSS
ZQ
VSS
VSS
VSS
DQF
DQF
G
DQC
DQC
VDDQ
VDDQ
VDD
MCH
VDD
VDDQ
VDDQ
DQF
DQF
H
DQC
DQC
VSS
VSS
VSS
MCL
VSS
VSS
VSS
DQF
DQF
J
DQC
DQC
VDDQ
VDDQ
VDD
MCL
VDD
VDDQ
VDDQ
DQF
DQF
K
NC
NC
CK
NC
VSS
MCL
VSS
NC
NC
NC
NC
L
DQH
DQH
VDDQ
VDDQ
VDD
FT
VDD
VDDQ
VDDQ
DQA
DQA
M
DQH
DQH
VSS
VSS
VSS
MCL
VSS
VSS
VSS
DQA
DQA
N
DQH
DQH
VDDQ
VDDQ
VDD
SCD
VDD
VDDQ
VDDQ
DQA
DQA
P
DQH
DQH
VSS
VSS
VSS
ZZ
VSS
VSS
VSS
DQA
DQA
R
DQPD
DQPH
VDDQ
VDDQ
VDD
VDD
VDD
VDDQ
VDDQ
DQPA
DQPE
T
DQD
DQD
VSS
NC
NC
LBO
NC
NC
VSS
DQE
DQE
U
DQD
DQD
NC
A
A
A
A
A
NC
DQE
DQE
V
DQD
DQD
A
A
A
A1
A
A
A
DQE
DQE
W
DQD
DQD
TMS
TDI
A
A0
A
TDO
TCK
DQE
DQE
Rev 10
11 x 19 Bump BGA—14 x 22 mm2 Body—1 mm Bump Pitch
GS816272CC-xxxV
Preliminary
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02a 6/2006
2/29
© 2004, GSI Technology
GS816272CC-xxxV Pad Out—209-Bump BGA—Top View (Package C)


Similar Part No. - GS816272CC-200V

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS816272CC-200 GSI-GS816272CC-200 Datasheet
868Kb / 31P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816272CC-200I GSI-GS816272CC-200I Datasheet
868Kb / 31P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
More results

Similar Description - GS816272CC-200V

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS816273C GSI-GS816273C Datasheet
516Kb / 25P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816273CC GSI-GS816273CC Datasheet
1Mb / 28P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS8162V72CC GSI-GS8162V72CC Datasheet
661Kb / 29P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816272CC GSI-GS816272CC Datasheet
868Kb / 31P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816273CC-250V GSI-GS816273CC-250V Datasheet
1Mb / 28P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816272C GSI-GS816272C Datasheet
1Mb / 31P
   256K x 72 18Mb Sync Burst SRAMs
GS816218 GSI-GS816218 Datasheet
618Kb / 31P
   1M x 18, 512K x 36 18Mb S/DCD Sync Burst SRAMs
GS816218B GSI-GS816218B Datasheet
1Mb / 41P
   1M x 18, 512K x 36, 256K x 72 18Mb Sync Burst SRAMs
GS882V37AB GSI-GS882V37AB Datasheet
623Kb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS88418B GSI-GS88418B Datasheet
800Kb / 25P
   512K x 18, 256K x 36 8Mb S/DCD Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com