Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS816236B-150 Datasheet(PDF) 9 Page - GSI Technology

Part # GS816236B-150
Description  1M x 18, 512K x 36, 256K x 72 18Mb Sync Burst SRAMs
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS816236B-150 Datasheet(HTML) 9 Page - GSI Technology

Back Button GS816236B-150 Datasheet HTML 5Page - GSI Technology GS816236B-150 Datasheet HTML 6Page - GSI Technology GS816236B-150 Datasheet HTML 7Page - GSI Technology GS816236B-150 Datasheet HTML 8Page - GSI Technology GS816236B-150 Datasheet HTML 9Page - GSI Technology GS816236B-150 Datasheet HTML 10Page - GSI Technology GS816236B-150 Datasheet HTML 11Page - GSI Technology GS816236B-150 Datasheet HTML 12Page - GSI Technology GS816236B-150 Datasheet HTML 13Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
GS816218(B/D)/GS816236(B/D)/GS816272(C)
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 2.17 11/2004
9/41
© 1999, GSI Technology
GS816218/36 (PE = 0) Block Diagram
A1
A0
A0
A1
D0
D1
Q1
Q0
Counter
Load
DQ
DQ
Register
Register
DQ
Register
DQ
Register
DQ
Register
DQ
Register
DQ
Register
DQ
Register
A0–An
LBO
ADV
CK
ADSC
ADSP
GW
BW
E1
FT
G
ZZ
Power Down
Control
Memory
Array
36
36
4
A
QD
DQx1–DQx9
NC
Parity
NC
Parity
Encode
Compare
36
4
36
36
4
32
Note: Only x36 version shown for simplicity.
SCD
36
36
4
BA
BB
BC
BD


Similar Part No. - GS816236B-150

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS816236BB GSI-GS816236BB Datasheet
618Kb / 31P
   1M x 18, 512K x 36 18Mb S/DCD Sync Burst SRAMs
GS816236BB-150 GSI-GS816236BB-150 Datasheet
1Mb / 37P
   1M x 18, 512K x 36 18MbS/DCD Sync Burst SRAMs
GS816236BB-150 GSI-GS816236BB-150 Datasheet
618Kb / 31P
   1M x 18, 512K x 36 18Mb S/DCD Sync Burst SRAMs
GS816236BB-150I GSI-GS816236BB-150I Datasheet
1Mb / 37P
   1M x 18, 512K x 36 18MbS/DCD Sync Burst SRAMs
GS816236BB-150I GSI-GS816236BB-150I Datasheet
618Kb / 31P
   1M x 18, 512K x 36 18Mb S/DCD Sync Burst SRAMs
More results

Similar Description - GS816236B-150

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8161E18BT GSI-GS8161E18BT Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT-V GSI-GS8161E18BT-V Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18T GSI-GS8160E18T Datasheet
622Kb / 25P
   1M x 18, 512K x 36 18Mb Sync Burst SRAMs
GS8160V18AT GSI-GS8160V18AT Datasheet
489Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018DGT-250I GSI-GS816018DGT-250I Datasheet
255Kb / 25P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018BT GSI-GS816018BT Datasheet
925Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160F18T GSI-GS8160F18T Datasheet
544Kb / 22P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18BT-V GSI-GS8160E18BT-V Datasheet
926Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160EV18AT GSI-GS8160EV18AT Datasheet
490Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18 GSI-GS8161E18 Datasheet
946Kb / 36P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com