Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8662D36GE-200 Datasheet(PDF) 4 Page - GSI Technology

Part # GS8662D36GE-200
Description  72Mb SigmaQuad-II Burst of 4 SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8662D36GE-200 Datasheet(HTML) 4 Page - GSI Technology

  GS8662D36GE-200 Datasheet HTML 1Page - GSI Technology GS8662D36GE-200 Datasheet HTML 2Page - GSI Technology GS8662D36GE-200 Datasheet HTML 3Page - GSI Technology GS8662D36GE-200 Datasheet HTML 4Page - GSI Technology GS8662D36GE-200 Datasheet HTML 5Page - GSI Technology GS8662D36GE-200 Datasheet HTML 6Page - GSI Technology GS8662D36GE-200 Datasheet HTML 7Page - GSI Technology GS8662D36GE-200 Datasheet HTML 8Page - GSI Technology GS8662D36GE-200 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
8M x 9 SigmaQuad-II SRAM—Top View
1
2
3
4
5
6
7
8
9
10
11
A
CQ
SA
SA
W
NC
K
NC
R
SA
SA
CQ
B
NC
NC
NC
SA
NC
K
BW0
SA
NC
NC
Q4
C
NC
NC
NC
VSS
SA
NC
SA
VSS
NC
NC
D4
D
NC
D5
NC
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
E
NC
NC
Q5
VDDQ
VSS
VSS
VSS
VDDQ
NC
D3
Q3
F
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
G
NC
D6
Q6
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
H
Doff
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
Q2
D2
K
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
L
NC
Q7
D7
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
Q1
M
NC
NC
NC
VSS
VSS
VSS
VSS
VSS
NC
NC
D1
N
NC
D8
NC
VSS
SA
SA
SA
VSS
NC
NC
NC
P
NC
NC
Q8
SA
SA
C
SA
SA
NC
D0
Q0
R
TDO
TCK
SA
SA
SA
C
SA
SA
SA
TMS
TDI
11 x 15 Bump BGA—13 x 15 mm2 Body—1 mm Bump Pitch
Notes:
1. BW0 controls writes to D0:D8.
2. MCL = Must Connect Low
Preliminary
GS8662D08/09/18/36E-333/300/250/200/167
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.01a 2/2006
4/29
© 2005, GSI Technology


Similar Part No. - GS8662D36GE-200

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8662D36BD-333 GSI-GS8662D36BD-333 Datasheet
579Kb / 33P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
More results

Similar Description - GS8662D36GE-200

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8662D20BD-500 GSI-GS8662D20BD-500 Datasheet
556Kb / 33P
   72Mb SigmaQuad-II Burst of 4 SRAM
GS8662D07 GSI-GS8662D07 Datasheet
401Kb / 29P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
GS8662DT20 GSI-GS8662DT20 Datasheet
462Kb / 33P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
GS8662DT10BD-450 GSI-GS8662DT10BD-450 Datasheet
505Kb / 28P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
GS8662D20BD-400I GSI-GS8662D20BD-400I Datasheet
556Kb / 33P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
GS8662DT07BGD-333I GSI-GS8662DT07BGD-333I Datasheet
505Kb / 28P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
GS8662D19BD-333I GSI-GS8662D19BD-333I Datasheet
506Kb / 29P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
GS8662D37BGD-350 GSI-GS8662D37BGD-350 Datasheet
506Kb / 29P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
GS8662DT07BD-333I GSI-GS8662DT07BD-333I Datasheet
505Kb / 28P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
GS8662D37BGD-450 GSI-GS8662D37BGD-450 Datasheet
506Kb / 29P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com