Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS816236BB-250IV Datasheet(PDF) 7 Page - GSI Technology

Part # GS816236BB-250IV
Description  1M x 18, 512K x 36 18MbS/DCD Sync Burst SRAMs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS816236BB-250IV Datasheet(HTML) 7 Page - GSI Technology

Back Button GS816236BB-250IV Datasheet HTML 3Page - GSI Technology GS816236BB-250IV Datasheet HTML 4Page - GSI Technology GS816236BB-250IV Datasheet HTML 5Page - GSI Technology GS816236BB-250IV Datasheet HTML 6Page - GSI Technology GS816236BB-250IV Datasheet HTML 7Page - GSI Technology GS816236BB-250IV Datasheet HTML 8Page - GSI Technology GS816236BB-250IV Datasheet HTML 9Page - GSI Technology GS816236BB-250IV Datasheet HTML 10Page - GSI Technology GS816236BB-250IV Datasheet HTML 11Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
GS8162xxBB-xxxV
Preliminary
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.01a 6/2006
7/31
© 2004, GSI Technology
Byte Write Truth Table
Function
GW
BW
BA
BB
BC
BD
Notes
Read
H
H
X
X
X
X
1
Read
H
L
H
H
H
H
1
Write byte a
H
L
L
H
H
H
2, 3
Write byte b
H
L
H
L
H
H
2, 3
Write byte c
H
L
H
H
L
H
2, 3, 4
Write byte d
H
L
H
H
H
L
2, 3, 4
Write all bytes
H
L
L
L
L
L
2, 3, 4
Write all bytes
L
X
X
X
X
X
Notes:
1. All byte outputs are active in read cycles regardless of the state of Byte Write Enable inputs.
2. Byte Write Enable inputs BA, BB, BC, and/or BD may be used in any combination with BW to write single or multiple bytes.
3. All byte I/Os remain High-Z during all write operations regardless of the state of Byte Write Enable inputs.
4. Bytes “C” and “D” are only available on the x36 version.


Similar Part No. - GS816236BB-250IV

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS816236BB-250I GSI-GS816236BB-250I Datasheet
1Mb / 37P
   1M x 18, 512K x 36 18MbS/DCD Sync Burst SRAMs
GS816236BB-250I GSI-GS816236BB-250I Datasheet
618Kb / 31P
   1M x 18, 512K x 36 18Mb S/DCD Sync Burst SRAMs
More results

Similar Description - GS816236BB-250IV

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS816218BB GSI-GS816218BB Datasheet
1Mb / 37P
   1M x 18, 512K x 36 18MbS/DCD Sync Burst SRAMs
GS816218 GSI-GS816218 Datasheet
618Kb / 31P
   1M x 18, 512K x 36 18Mb S/DCD Sync Burst SRAMs
GS8161E18BT GSI-GS8161E18BT Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT-V GSI-GS8161E18BT-V Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18T GSI-GS8160E18T Datasheet
622Kb / 25P
   1M x 18, 512K x 36 18Mb Sync Burst SRAMs
logo
List of Unclassifed Man...
GS832218 ETC1-GS832218 Datasheet
1Mb / 41P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
logo
GSI Technology
GS832418B GSI-GS832418B Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
GS8322V18B GSI-GS8322V18B Datasheet
1Mb / 42P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
GS8160V18AT GSI-GS8160V18AT Datasheet
489Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018DGT-250I GSI-GS816018DGT-250I Datasheet
255Kb / 25P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com