Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS816272CC-150I Datasheet(PDF) 5 Page - GSI Technology

Part # GS816272CC-150I
Description  256K x 72 18Mb S/DCD Sync Burst SRAMs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS816272CC-150I Datasheet(HTML) 5 Page - GSI Technology

  GS816272CC-150I Datasheet HTML 1Page - GSI Technology GS816272CC-150I Datasheet HTML 2Page - GSI Technology GS816272CC-150I Datasheet HTML 3Page - GSI Technology GS816272CC-150I Datasheet HTML 4Page - GSI Technology GS816272CC-150I Datasheet HTML 5Page - GSI Technology GS816272CC-150I Datasheet HTML 6Page - GSI Technology GS816272CC-150I Datasheet HTML 7Page - GSI Technology GS816272CC-150I Datasheet HTML 8Page - GSI Technology GS816272CC-150I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
GS816272CC-333/300/250/200/150
Preliminary
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.01 2/2005
5/31
© 2004, GSI Technology
Note:
There are pull-up devices on the ZQ, SCD, and FT pins and a pull-down device on the ZZ pin, so those input pins can be unconnected and the
chip will operate in the default states as specified in the above tables.
Burst Counter Sequences
BPR 1999.05.18
Mode Pin Functions
Mode Name
Pin
Name
State
Function
Burst Order Control
LBO
L
Linear Burst
H
Interleaved Burst
Power Down Control
ZZ
L or NC
Active
H
Standby, IDD = ISB
Single/Dual Cycle Deselect Control
SCD
L
Dual Cycle Deselect
H or NC
Single Cycle Deselect
FLXDrive Output Impedance Control
ZQ
L
High Drive (Low Impedance)
H or NC
Low Drive (High Impedance)
Note:
The burst counter wraps to initial state on the 5th clock.
Note:
The burst counter wraps to initial state on the 5th clock.
Linear Burst Sequence
A[1:0] A[1:0] A[1:0] A[1:0]
1st address
00
01
10
11
2nd address
01
10
11
00
3rd address
10
11
00
01
4th address
11
00
01
10
Interleaved Burst Sequence
A[1:0] A[1:0] A[1:0] A[1:0]
1st address
00
01
10
11
2nd address
01
00
11
10
3rd address
10
11
00
01
4th address
11
10
01
00


Similar Part No. - GS816272CC-150I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS816272CC-150IV GSI-GS816272CC-150IV Datasheet
1Mb / 29P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
More results

Similar Description - GS816272CC-150I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS816273C GSI-GS816273C Datasheet
516Kb / 25P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816273CC GSI-GS816273CC Datasheet
1Mb / 28P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS8162V72CC GSI-GS8162V72CC Datasheet
661Kb / 29P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816272CC-V GSI-GS816272CC-V Datasheet
1Mb / 29P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816273CC-250V GSI-GS816273CC-250V Datasheet
1Mb / 28P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816272C GSI-GS816272C Datasheet
1Mb / 31P
   256K x 72 18Mb Sync Burst SRAMs
GS816218 GSI-GS816218 Datasheet
618Kb / 31P
   1M x 18, 512K x 36 18Mb S/DCD Sync Burst SRAMs
GS816218B GSI-GS816218B Datasheet
1Mb / 41P
   1M x 18, 512K x 36, 256K x 72 18Mb Sync Burst SRAMs
GS882V37AB GSI-GS882V37AB Datasheet
623Kb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS88418B GSI-GS88418B Datasheet
800Kb / 25P
   512K x 18, 256K x 36 8Mb S/DCD Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com