Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS832118E-150 Datasheet(PDF) 3 Page - GSI Technology

Part # GS832118E-150
Description  2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS832118E-150 Datasheet(HTML) 3 Page - GSI Technology

  GS832118E-150 Datasheet HTML 1Page - GSI Technology GS832118E-150 Datasheet HTML 2Page - GSI Technology GS832118E-150 Datasheet HTML 3Page - GSI Technology GS832118E-150 Datasheet HTML 4Page - GSI Technology GS832118E-150 Datasheet HTML 5Page - GSI Technology GS832118E-150 Datasheet HTML 6Page - GSI Technology GS832118E-150 Datasheet HTML 7Page - GSI Technology GS832118E-150 Datasheet HTML 8Page - GSI Technology GS832118E-150 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
GS832118/32/36E-250/225/200/166/150/133
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03 4/2005
3/32
© 2003, GSI Technology
165 Bump BGA—x32 Common I/O—Top View (Package E)
1
2
3
4
5
6
7
8
9
10
11
A
NC
A
E1
BC
BB
E3
BW
ADSC
ADV
A
NC
A
B
NC
A
E2
BD
BA
CK
GW
G
ADSP
A
NC
B
C
NC
NC
VDDQ
VSS
VSS
VSS
VSS
VSS
VDDQ
NC
NC
C
D
DQC
DQC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQB
DQB
D
E
DQC
DQC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQB
DQB
E
F
DQC
DQC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQB
DQB
F
G
DQC
DQC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQB
DQB
G
H
FT
MCL
NC
VDD
VSS
VSS
VSS
VDD
NC
NC
ZZ
H
J
DQD
DQD
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQA
DQA
J
K
DQD
DQD
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQA
DQA
K
L
DQD
DQD
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQA
DQA
L
M
DQD
DQD
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQA
DQA
M
N
NC
NC
VDDQ
VSS
NC
A
NC
VSS
VDDQ
NC
NC
N
P
NC
NC
A
A
TDI
A1
TDO
A
A
A
A
P
R
LBO
A
A
A
TMS
A0
TCK
A
A
A
A
R
11 x 15 Bump BGA—15 mm x 17 mm Body—1.0 mm Bump Pitch


Similar Part No. - GS832118E-150

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS832118E-150IV GSI-GS832118E-150IV Datasheet
1Mb / 31P
   2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS832118E-150V GSI-GS832118E-150V Datasheet
1Mb / 31P
   2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
More results

Similar Description - GS832118E-150

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS832018 GSI-GS832018 Datasheet
669Kb / 25P
   2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS8321E18E GSI-GS8321E18E Datasheet
994Kb / 34P
   2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS8321EV18E GSI-GS8321EV18E Datasheet
978Kb / 33P
   2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS832018T-V GSI-GS832018T-V Datasheet
1Mb / 24P
   2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS8320EV18T GSI-GS8320EV18T Datasheet
630Kb / 24P
   2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS8321E18E-V GSI-GS8321E18E-V Datasheet
1Mb / 31P
   2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS8320E18T-V GSI-GS8320E18T-V Datasheet
1Mb / 24P
   2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS832036AGT-250I GSI-GS832036AGT-250I Datasheet
253Kb / 24P
   2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS832118E-V GSI-GS832118E-V Datasheet
1Mb / 31P
   2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS8321V18E GSI-GS8321V18E Datasheet
988Kb / 31P
   2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com