Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS864218B-200V Datasheet(PDF) 7 Page - GSI Technology

Part # GS864218B-200V
Description  4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS864218B-200V Datasheet(HTML) 7 Page - GSI Technology

Back Button GS864218B-200V Datasheet HTML 3Page - GSI Technology GS864218B-200V Datasheet HTML 4Page - GSI Technology GS864218B-200V Datasheet HTML 5Page - GSI Technology GS864218B-200V Datasheet HTML 6Page - GSI Technology GS864218B-200V Datasheet HTML 7Page - GSI Technology GS864218B-200V Datasheet HTML 8Page - GSI Technology GS864218B-200V Datasheet HTML 9Page - GSI Technology GS864218B-200V Datasheet HTML 10Page - GSI Technology GS864218B-200V Datasheet HTML 11Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Preliminary
GS864218/36/72(B/C)-xxxV
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03 6/2006
7/35
© 2004, GSI Technology
GS864218/36B-xxxV 119-Bump BGA Pin Description
Symbol
Type
Description
A0, A1
I
Address field LSBs and Address Counter Preset Inputs
An
I
Address Inputs
DQA
DQB
DQC
DQD
I/O
Data Input and Output pins
BA, BB, BC, BD
I
Byte Write Enable for DQA, DQB, DQC, DQD I/Os; active low
NC
No Connect
CK
I
Clock Input Signal; active high
BW
I
Byte Write—Writes all enabled bytes; active low
GW
I
Global Write Enable—Writes all bytes; active low
E1
I
Chip Enable; active low
G
I
Output Enable; active low
ADV
I
Burst address counter advance enable; active low
ADSP, ADSC
I
Address Strobe (Processor, Cache Controller); active low
ZZ
I
Sleep mode control; active high
FT
I
Flow Through or Pipeline mode; active low
LBO
I
Linear Burst Order mode; active low
ZQ
I
FLXDrive Output Impedance Control (Low = Low Impedance [High Drive], High = High Impedance [Low
Drive])
SCD
I
Single Cycle Deselect/Dual Cyle Deselect Mode Control
TMS
I
Scan Test Mode Select
TDI
I
Scan Test Data In
TDO
O
Scan Test Data Out
TCK
I
Scan Test Clock
VDD
I
Core power supply
VSS
I
I/O and Core Ground
VSS
I
I/O and Core Ground
VDDQ
I
Output driver power supply


Similar Part No. - GS864218B-200V

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS864218B-200 GSI-GS864218B-200 Datasheet
574Kb / 37P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS864218B-200I GSI-GS864218B-200I Datasheet
574Kb / 37P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
More results

Similar Description - GS864218B-200V

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS864418 GSI-GS864418 Datasheet
850Kb / 41P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS8644V18B GSI-GS8644V18B Datasheet
1Mb / 40P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS864236GB-250I GSI-GS864236GB-250I Datasheet
574Kb / 37P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS864418E-V GSI-GS864418E-V Datasheet
1Mb / 32P
   4M x 18, 2M x 36 72Mb S/DCD Sync Burst SRAMs
GS8322V18B GSI-GS8322V18B Datasheet
1Mb / 42P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
logo
List of Unclassifed Man...
GS832218 ETC1-GS832218 Datasheet
1Mb / 41P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
logo
GSI Technology
GS832418B GSI-GS832418B Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
GS8640V18T GSI-GS8640V18T Datasheet
594Kb / 23P
   4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
GS864018T GSI-GS864018T Datasheet
979Kb / 24P
   4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
GS864018T-V GSI-GS864018T-V Datasheet
927Kb / 23P
   4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com