Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8662T36GE-333 Datasheet(PDF) 2 Page - GSI Technology

Part # GS8662T36GE-333
Description  72Mb SigmaCIO DDR-II Burst of 2 SRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8662T36GE-333 Datasheet(HTML) 2 Page - GSI Technology

  GS8662T36GE-333 Datasheet HTML 1Page - GSI Technology GS8662T36GE-333 Datasheet HTML 2Page - GSI Technology GS8662T36GE-333 Datasheet HTML 3Page - GSI Technology GS8662T36GE-333 Datasheet HTML 4Page - GSI Technology GS8662T36GE-333 Datasheet HTML 5Page - GSI Technology GS8662T36GE-333 Datasheet HTML 6Page - GSI Technology GS8662T36GE-333 Datasheet HTML 7Page - GSI Technology GS8662T36GE-333 Datasheet HTML 8Page - GSI Technology GS8662T36GE-333 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
2M x 36 SigmaCIO DDR-II SRAM—Top View
1
2
3
4
5
6
7
8
9
10
11
A
CQ
MCL/SA
(144Mb)
SA
R/W
BW2
K
BW1
LD
SA
SA
CQ
B
NC
DQ27
DQ18
SA
BW3
K
BW0
SA
NC
NC
DQ8
C
NC
NC
DQ28
VSS
SA
SA0
SA
VSS
NC
DQ17
DQ7
D
NC
DQ29
DQ19
VSS
VSS
VSS
VSS
VSS
NC
NC
DQ16
E
NC
NC
DQ20
VDDQ
VSS
VSS
VSS
VDDQ
NC
DQ15
DQ6
F
NC
DQ30
DQ21
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
DQ5
G
NC
DQ31
DQ22
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
DQ14
H
Doff
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
DQ32
VDDQ
VDD
VSS
VDD
VDDQ
NC
DQ13
DQ4
K
NC
NC
DQ23
VDDQ
VDD
VSS
VDD
VDDQ
NC
DQ12
DQ3
L
NC
DQ33
DQ24
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
DQ2
M
NC
NC
DQ34
VSS
VSS
VSS
VSS
VSS
NC
DQ11
DQ1
N
NC
DQ35
DQ25
VSS
SA
SA
SA
VSS
NC
NC
DQ10
P
NC
NC
DQ26
SA
SA
C
SA
SA
NC
DQ9
DQ0
R
TDO
TCK
SA
SA
SA
C
SA
SA
SA
TMS
TDI
11 x 15 Bump BGA—13 x 15 mm2 Body—1 mm Bump Pitch
Notes:
1. BW0 controls writes to DQ0:DQ8; BW1 controls writes to DQ9:DQ17; BW2 controls writes to DQ18:DQ26; BW3 controls writes to
DQ27:DQ35
2. MCL = Must Connect Low
Preliminary
GS8662T08/09/18/36E-333/300/267*/250/200/167
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.01 9/2005
2/37
© 2005, GSI Technology


Similar Part No. - GS8662T36GE-333

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8662TT20 GSI-GS8662TT20 Datasheet
443Kb / 31P
   72Mb SigmaDDRTM-II Burst of 2 SRAM
More results

Similar Description - GS8662T36GE-333

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8662R08E GSI-GS8662R08E Datasheet
1Mb / 37P
   72Mb SigmaCIO DDR-II Burst of 4 SRAM
GS8342T08E GSI-GS8342T08E Datasheet
1Mb / 37P
   36Mb SigmaCIO DDR-II Burst of 2 SRAM
GS8662S08 GSI-GS8662S08 Datasheet
1Mb / 35P
   72Mb SigmaSIOTM DDR -II Burst of 2 SRAM
GS8662S08E GSI-GS8662S08E Datasheet
1Mb / 37P
   72Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8342R08E GSI-GS8342R08E Datasheet
1Mb / 37P
   36Mb SigmaCIO DDR-II Burst of 4 SRAM
GS8662TT20 GSI-GS8662TT20 Datasheet
443Kb / 31P
   72Mb SigmaDDRTM-II Burst of 2 SRAM
GS8662Q08E GSI-GS8662Q08E Datasheet
1Mb / 35P
   72Mb SigmaQuad-II Burst of 2 SRAM
GS8662Q37BD-333 GSI-GS8662Q37BD-333 Datasheet
502Kb / 28P
   72Mb SigmaQuad-IITM Burst of 2 SRAM
GS8662Q19BD-357 GSI-GS8662Q19BD-357 Datasheet
502Kb / 28P
   72Mb SigmaQuad-IITM Burst of 2 SRAM
GS8662Q19BGD-250I GSI-GS8662Q19BGD-250I Datasheet
502Kb / 28P
   72Mb SigmaQuad-IITM Burst of 2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com