Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS816136BT-200 Datasheet(PDF) 1 Page - GSI Technology

Part # GS816136BT-200
Description  1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS816136BT-200 Datasheet(HTML) 1 Page - GSI Technology

  GS816136BT-200 Datasheet HTML 1Page - GSI Technology GS816136BT-200 Datasheet HTML 2Page - GSI Technology GS816136BT-200 Datasheet HTML 3Page - GSI Technology GS816136BT-200 Datasheet HTML 4Page - GSI Technology GS816136BT-200 Datasheet HTML 5Page - GSI Technology GS816136BT-200 Datasheet HTML 6Page - GSI Technology GS816136BT-200 Datasheet HTML 7Page - GSI Technology GS816136BT-200 Datasheet HTML 8Page - GSI Technology GS816136BT-200 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
GS816118B(T/D)/GS816132B(D)/GS816136B(T/D)
1M x 18, 512K x 32, 512K x 36
18Mb Sync Burst SRAMs
250 MHz–150 MHz
2.5 V or 3.3 V VDD
2.5 V or 3.3 V I/O
100-Pin TQFP & 165-Bump BGA
Commercial Temp
Industrial Temp
Rev: 1.03 9/2005
1/35
© 2004, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• FT pin for user-configurable flow through or pipeline
operation
• Single Cycle Deselect (SCD) operation
• IEEE 1149.1 JTAG-compatible Boundary Scan
• 2.5 V or 3.3 V +10%/–10% core power supply
• 2.5 V or 3.3 V I/O supply
• LBO pin for Linear or Interleaved Burst mode
• Internal input resistors on mode pins allow floating mode pins
• Default to Interleaved Pipeline mode
• Byte Write (BW) and/or Global Write (GW) operation
• Internal self-timed write cycle
• Automatic power-down for portable applications
• JEDEC-standard
100-lead TQFP 100-pin TQFP and 165-bump
BGA packages
• RoHS-compliant 100-pin TQFP and 165-bump BGA packages
available
Functional Description
Applications
The GS816118B(T/D)/GS816132B(D)/GS816136B(T/D) is an
18,874,368-bit high performance synchronous SRAM with a 2-bit
burst address counter. Although of a type originally developed for
Level 2 Cache applications supporting high performance CPUs,
the device now finds application in synchronous SRAM
applications, ranging from DSP main store to networking chip set
support.
Controls
Addresses, data I/Os, chip enable (E1), address burst control
inputs (ADSP, ADSC, ADV) and write control inputs (Bx, BW,
GW) are synchronous and are controlled by a positive-edge-
triggered clock input (CK). Output enable (G) and power down
control (ZZ) are asynchronous inputs. Burst cycles can be initiated
with either ADSP or ADSC inputs. In Burst mode, subsequent
burst addresses are generated internally and are controlled by
ADV. The burst address counter may be configured to count in
either linear or interleave order with the Linear Burst Order (LBO)
input. The Burst function need not be used. New addresses can be
loaded on every cycle with no degradation of chip performance.
Flow Through/Pipeline Reads
The function of the Data Output register can be controlled by the
user via the FT mode pin (Pin 14). Holding the FT mode pin low
places the RAM in Flow Through mode, causing output data to
bypass the Data Output Register. Holding FT high places the
RAM in Pipeline mode, activating the rising-edge-triggered Data
Output Register.
SCD Pipelined Reads
The GS816118B(T/D)/GS816132B(D)/GS816136B(T/D) is a
SCD (Single Cycle Deselect) pipelined synchronous SRAM. DCD
(Dual Cycle Deselect) versions are also available. SCD SRAMs
pipeline deselect commands one stage less than read commands.
SCD RAMs begin turning off their outputs immediately after the
deselect command has been captured in the input registers.
Byte Write and Global Write
Byte write operation is performed by using Byte Write enable
(BW) input combined with one or more individual byte write
signals (Bx). In addition, Global Write (GW) is available for
writing all bytes at one time, regardless of the Byte Write control
inputs.
Sleep Mode
Low power (Sleep mode) is attained through the assertion (High)
of the ZZ signal, or by stopping the clock (CK). Memory data is
retained during Sleep mode.
Core and Interface Voltages
The GS816118B(T/D)/GS816132B(D)/GS816136B(T/D)
operates on a 2.5 V or 3.3 V power supply. All input are 3.3 V and
2.5 V compatible. Separate output power (VDDQ) pins are used to
decouple output noise from the internal circuits and are 3.3 V and
2.5 V compatible.
Parameter Synopsis
-250
-200
-150
Unit
Pipeline
3-1-1-1
tKQ
tCycle
2.5
4.0
3.0
5.0
3.8
6.7
ns
ns
Curr (x18)
Curr (x32/x36)
295
345
245
285
200
225
mA
mA
Flow Through
2-1-1-1
tKQ
tCycle
5.5
5.5
6.5
6.5
7.5
7.5
ns
ns
Curr (x18)
Curr (x32/x36)
225
255
200
220
185
205
mA
mA


Similar Part No. - GS816136BT-200

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS816136BT-200IV GSI-GS816136BT-200IV Datasheet
1Mb / 34P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816136BT-200V GSI-GS816136BT-200V Datasheet
1Mb / 34P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results

Similar Description - GS816136BT-200

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8160V18AT GSI-GS8160V18AT Datasheet
489Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018DGT-250I GSI-GS816018DGT-250I Datasheet
255Kb / 25P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018BT GSI-GS816018BT Datasheet
925Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160F18T GSI-GS8160F18T Datasheet
544Kb / 22P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18BT-V GSI-GS8160E18BT-V Datasheet
926Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160EV18AT GSI-GS8160EV18AT Datasheet
490Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18 GSI-GS8161E18 Datasheet
946Kb / 36P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018BT-V GSI-GS816018BT-V Datasheet
927Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018 GSI-GS816018 Datasheet
810Kb / 28P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816036DGT-250IV GSI-GS816036DGT-250IV Datasheet
245Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
logo
List of Unclassifed Man...
GS816118 ETC1-GS816118 Datasheet
901Kb / 36P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com