Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS816272CGC-150 Datasheet(PDF) 9 Page - GSI Technology

Part # GS816272CGC-150
Description  256K x 72 18Mb S/DCD Sync Burst SRAMs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS816272CGC-150 Datasheet(HTML) 9 Page - GSI Technology

Back Button GS816272CGC-150 Datasheet HTML 5Page - GSI Technology GS816272CGC-150 Datasheet HTML 6Page - GSI Technology GS816272CGC-150 Datasheet HTML 7Page - GSI Technology GS816272CGC-150 Datasheet HTML 8Page - GSI Technology GS816272CGC-150 Datasheet HTML 9Page - GSI Technology GS816272CGC-150 Datasheet HTML 10Page - GSI Technology GS816272CGC-150 Datasheet HTML 11Page - GSI Technology GS816272CGC-150 Datasheet HTML 12Page - GSI Technology GS816272CGC-150 Datasheet HTML 13Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
GS816272CC-333/300/250/200/150
Preliminary
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.01 2/2005
9/31
© 2004, GSI Technology
Simplified State Diagram with G
First Write
First Read
Burst Write
Burst Read
Deselect
R
W
CR
CW
X
X
WR
R
W
R
X
X
X
CR
R
CW
CR
CR
W
CW
W
CW
Notes:
1. The diagram shows supported (tested) synchronous state transitions plus supported transitions that depend upon the use of G.
2. Use of “Dummy Reads” (Read Cycles with G High) may be used to make the transition from read cycles to write cycles without passing
through a Deselect cycle. Dummy Read cycles increment the address counter just like normal read cycles.
3. Transitions shown in grey tone assume G has been pulsed high long enough to turn the RAM’s drivers off and for incoming data to meet
Data Input Set Up Time.


Similar Part No. - GS816272CGC-150

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS816272CGC-150IV GSI-GS816272CGC-150IV Datasheet
1Mb / 29P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816272CGC-150V GSI-GS816272CGC-150V Datasheet
1Mb / 29P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
More results

Similar Description - GS816272CGC-150

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS816273C GSI-GS816273C Datasheet
516Kb / 25P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816273CC GSI-GS816273CC Datasheet
1Mb / 28P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS8162V72CC GSI-GS8162V72CC Datasheet
661Kb / 29P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816272CC-V GSI-GS816272CC-V Datasheet
1Mb / 29P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816273CC-250V GSI-GS816273CC-250V Datasheet
1Mb / 28P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816272C GSI-GS816272C Datasheet
1Mb / 31P
   256K x 72 18Mb Sync Burst SRAMs
GS816218 GSI-GS816218 Datasheet
618Kb / 31P
   1M x 18, 512K x 36 18Mb S/DCD Sync Burst SRAMs
GS816218B GSI-GS816218B Datasheet
1Mb / 41P
   1M x 18, 512K x 36, 256K x 72 18Mb Sync Burst SRAMs
GS882V37AB GSI-GS882V37AB Datasheet
623Kb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS88418B GSI-GS88418B Datasheet
800Kb / 25P
   512K x 18, 256K x 36 8Mb S/DCD Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com