Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS832418B-250I Datasheet(PDF) 6 Page - GSI Technology

Part # GS832418B-250I
Description  2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS832418B-250I Datasheet(HTML) 6 Page - GSI Technology

Back Button GS832418B-250I Datasheet HTML 2Page - GSI Technology GS832418B-250I Datasheet HTML 3Page - GSI Technology GS832418B-250I Datasheet HTML 4Page - GSI Technology GS832418B-250I Datasheet HTML 5Page - GSI Technology GS832418B-250I Datasheet HTML 6Page - GSI Technology GS832418B-250I Datasheet HTML 7Page - GSI Technology GS832418B-250I Datasheet HTML 8Page - GSI Technology GS832418B-250I Datasheet HTML 9Page - GSI Technology GS832418B-250I Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
Rev: 1.00 10/2001
6/46
© 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary
GS832418(B/C)/GS832436(B/C)/GS832472(C)
D6
G
I
Output Enable; active low
A7
ADV
I
Burst address counter advance enable; active low
A5, A6
ADSP, ADSC
I
Address Strobe (Processor, Cache Controller); active low
P6
ZZ
I
Sleep Mode control; active high
L6
FT
I
Flow Through or Pipeline mode; active low
T6
LBO
I
Linear Burst Order mode; active low
N6
SCD
I
Single Cycle Deselect/Dual Cycle Deselect Mode Control (
x72/x36 Versions)
G6
MCH
I
Must Connect High
A4
MCH
I
Must Connect High (x18 version)
H6, J6, K6, M6
MCL
Must Connect Low
A8, N6
MCL
Must Connect Low (x18 version)
B6
BW
I
Byte Enable; active low
F6
ZQ
I
FLXDrive Output Impedance Control
(Low = Low Impedance [High Drive], High = High Impedance [Low
Drive])
W3
TMS
I
Scan Test Mode Select
W4
TDI
I
Scan Test Data In
W8
TDO
O
Scan Test Data Out
W9
TCK
I
Scan Test Clock
E5, E6, E7, G5, G7, J5, J7, L5, L7, N5, N7, R5,
R6, R7
VDD
I
Core power supply
D3, D9, F3, F4, F5, F7, F8, F9, H3, H4, H5, H7,
H8, H9, K5, K7, M3, M4, M5, M7, M8, M9, P3,
P4, P5, P7, P8, P9, T3, T9
VSS
I
I/O and Core Ground
E3, E4, E8, E9, G3, G4, G8, G9, J3, J4, J8, J9,
L3, L4, L8, L9, N3, N4, N8, N9, R3, R4, R8, R9
VDDQ
I
Output driver power supply
GS832418/36/72 209-Bump BGA Pin Description
Pin Location
Symbol
Type
Description


Similar Part No. - GS832418B-250I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8324Z18B GSI-GS8324Z18B Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs
GS8324Z18B-133 GSI-GS8324Z18B-133 Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs
GS8324Z18B-133I GSI-GS8324Z18B-133I Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs
GS8324Z18B-150 GSI-GS8324Z18B-150 Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs
GS8324Z18B-150I GSI-GS8324Z18B-150I Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs
More results

Similar Description - GS832418B-250I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS832218 ETC1-GS832218 Datasheet
1Mb / 41P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
logo
GSI Technology
GS8322V18B GSI-GS8322V18B Datasheet
1Mb / 42P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
GS8324Z18B GSI-GS8324Z18B Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs
GS864418 GSI-GS864418 Datasheet
850Kb / 41P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS8644V18B GSI-GS8644V18B Datasheet
1Mb / 40P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS864236GB-250I GSI-GS864236GB-250I Datasheet
574Kb / 37P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS864218B-V GSI-GS864218B-V Datasheet
1Mb / 35P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS816218 GSI-GS816218 Datasheet
618Kb / 31P
   1M x 18, 512K x 36 18Mb S/DCD Sync Burst SRAMs
GS832118E GSI-GS832118E Datasheet
1,004Kb / 32P
   2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS832018 GSI-GS832018 Datasheet
669Kb / 25P
   2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com