Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62B64-1000EC Datasheet(PDF) 3 Page - 3M Electronics

Part # 62B64-1000EC
Description  100100 Version, Type B (Rows A & B Filled)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

62B64-1000EC Datasheet(HTML) 3 Page - 3M Electronics

  62B64-1000EC Datasheet HTML 1Page - 3M Electronics 62B64-1000EC Datasheet HTML 2Page - 3M Electronics 62B64-1000EC Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
Eurosocket
.100
″ × .100″ Version, Type B (Rows A & B Filled)
62B64 Series
mm
[Inch]
mm
Tolerance Unless Noted
[ ] Dimensions for
Reference only
± .13
± .3
.000
.00
.0
TS-0585-02
Sheet 3 of 3
78.74
[ 3.100 ]
2.54
[ .100 ]
7.96
[ .313 ]
Minimum spacing between
adjacent groups of posts when
using a strain relief
7.62
[ .300 ]
Minimum spacing between
adjacent groups of posts
2.54
[ .100 ]
86.7
[ 3.413 ]
Minimum space required
for connector and cable
8.2
[ .323 ]
Recommended Post Pattern
4.20 Min
[ .185 ]
0.70
× 0.60
[ .028
× .024 ]
0.64
× 0.64
[ .025
× .025 ]
or
Square Post (Nominal)
Round Post (Nominal)
Note:
1. Ends of posts to be located within 0.25 [ .01 ] TPD at post end.


Similar Part No. - 62B64-1000EC

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
62B GRAYHILL-62B Datasheet
5Mb / 33P
   Custom, Absolute
62B11-LP-040C GRAYHILL-62B11-LP-040C Datasheet
5Mb / 33P
   Custom, Absolute
62B11-LP-040P GRAYHILL-62B11-LP-040P Datasheet
5Mb / 33P
   Custom, Absolute
62B11-LP-040S GRAYHILL-62B11-LP-040S Datasheet
5Mb / 33P
   Custom, Absolute
62B11-LPP-040C GRAYHILL-62B11-LPP-040C Datasheet
5Mb / 33P
   Custom, Absolute
More results

Similar Description - 62B64-1000EC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2305473 PHOENIX-2305473 Datasheet
83Kb / 6P
   Cable - CABLE-D25SUB/B/B/100/KONFEK/S
09/11/2020
logo
Assmann Electronics Inc...
A-USBPB-R ASSMANN-A-USBPB-R Datasheet
61Kb / 1P
   USB, Type B, Assembly-Type, VERSION 1.1
logo
CONEC Elektronische Bau...
121A10019X CONEC-121A10019X Datasheet
142Kb / 1P
   Type B Male connector Contact spacing .100 and .200
logo
ERNI Electronics
294291 ERNI-294291 Datasheet
161Kb / 1P
   0,8 DRC-B, M 100 polig
logo
SUYIN USA, INC.
020123MR SUYIN-USA-020123MR Datasheet
122Kb / 1P
   USB B TYPE R/A DIP TYPE
logo
ERNI Electronics
294009 ERNI-294009 Datasheet
137Kb / 1P
   0,8 DRC-B, F 4mm, 100 polig
logo
PHOENIX CONTACT
1636994 PHOENIX-1636994 Datasheet
98Kb / 3P
   HC-B 24-TMS-100/O1STM32G-STAIM
1604560 PHOENIX-1604560 Datasheet
99Kb / 4P
   HC-B 24-TMB-100/O1STM32S-STA
1460366 PHOENIX-1460366 Datasheet
97Kb / 4P
   HC-B 10-TMB-100/O1STM25S-EEE
1604175 PHOENIX-1604175 Datasheet
98Kb / 4P
   HC-B 6-TMB-100/O1STM20G-STA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com