Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC453 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC453
Description  Comlinear CLC453 Single Supply, Low-Power, High Output, Programmable Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC453 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC453 Datasheet HTML 1Page - National Semiconductor (TI) CLC453 Datasheet HTML 2Page - National Semiconductor (TI) CLC453 Datasheet HTML 3Page - National Semiconductor (TI) CLC453 Datasheet HTML 4Page - National Semiconductor (TI) CLC453 Datasheet HTML 5Page - National Semiconductor (TI) CLC453 Datasheet HTML 6Page - National Semiconductor (TI) CLC453 Datasheet HTML 7Page - National Semiconductor (TI) CLC453 Datasheet HTML 8Page - National Semiconductor (TI) CLC453 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
http://www.national.com
PARAMETERS
CONDITIONS
TYP
GUARANTEED MIN/MAX
UNITS
NOTES
Ambient Temperature
CLC453AJ
+25°C
+25°C
0 to 70°C
-40 to 85°C
FREQUENCY DOMAIN RESPONSE
-3dB bandwidth
Vo = 1.0Vpp
130
105
95
90
MHz
Vo = 4.0Vpp
70
55
52
50
MHz
-0.1dB bandwidth
Vo = 1.0Vpp
30
25
25
20
MHz
gain peaking
<200MHz, Vo = 1.0Vpp
0
0.5
0.9
1.0
dB
gain rolloff
<30MHz, Vo = 1.0Vpp
0.2
0.7
0.8
0.8
dB
linear phase deviation
<30MHz, Vo = 1.0Vpp
0.1
0.2
0.3
0.3
deg
differential gain
NTSC, RL=150Ω
0.3
%
differential phase
NTSC, RL=150Ω
0.1
deg
TIME DOMAIN RESPONSE
rise and fall time
2V step
3.8
4.8
5.1
5.6
ns
settling time to 0.05%
2V step
20
ns
overshoot
2V step
6
10
13
13
%
slew rate
2V step
460
340
315
300
V/
µs
DISTORTION AND NOISE RESPONSE
2nd harmonic distortion
2Vpp, 1MHz
-82
-74
-72
-72
dBc
2Vpp, 1MHz; RL = 1kΩ
-69
-63
-61
-61
dBc
2Vpp, 5MHz
-65
-59
-57
-57
dBc
3rd harmonic distortion
2Vpp, 1MHz
-73
-69
-67
-67
dBc
2Vpp, 1MHz; RL = 1kΩ
-90
-80
-78
-78
dBc
2Vpp, 5MHz
-60
-56
-54
-54
dBc
equivalent input noise
voltage (eni)
>1MHz
2.8
3.5
3.8
3.8
nV/
√Hz
non-inverting current (ibn)
>1MHz
7.5
10
11
11
pA/
√Hz
inverting current (ibi)
>1MHz
10.5
14
15
15
pA/
√Hz
STATIC DC PERFORMANCE
output offset voltage
7
30
35
35
mV
B
average drift
80
µV/˚C
input bias current (non-inverting)
3
18
23
25
µA
B
average drift
40
nA/˚C
gain accuracy
±0.3
±1.5
±2.0
±2.0
%
internal resistors (Rf, Rg)
1000
±20%
±26%
±30%
power supply rejection ratio
DC
50
47
45
45
dB
common-mode rejection ratio
DC
53
50
48
48
dB
supply current
RL= ∞
3.2
3.8
4.0
4.0
mA
B
MISCELLANEOUS PERFORMANCE
input resistance (non-inverting)
0.52
0.35
0.30
0.30
M
input capacitance (non-inverting)
1.2
1.8
1.8
1.8
pF
common-mode input range
±4.2
±4.1
±4.1
±4.0
V
output voltage range
RL = 100Ω
±3.8
±3.6
±3.6
±3.5
V
output voltage range
RL = ∞
±4.0
±3.8
±3.8
±3.7
V
output current
130
100
80
50
mA
C
output resistance, closed loop
DC
400
600
600
600
m
±5V Electrical Characteristics (A
v = +2, RL = 100Ω, VCC = ±5V, unless specified)
Notes
B) J-level: spec is sample tested at +25°C.
C) The short circuit current can exceed the maximum safe
output current.
Ordering Information
Model
Temperature Range
Description
CLC453AJP
-40
°C to +85°C
8-pin PDIP
CLC453AJE
-40
°C to +85°C
8-pin SOIC
CLC453AJM5
-40
°C to +85°C
5-pin SOT
CLC453ALC
-40
°C to +85°C
dice
Package Thermal Resistance
Package
q
JC
q
JA
Plastic (AJP)
115
°C/W
125
°C/W
Surface Mount (AJE)
130
°C/W
150
°C/W
Surface Mount (AJM5)
140
°C/W
210
°C/W
Dice (ALC)
25
°C/W


Similar Part No. - CLC453

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC450 NSC-CLC450 Datasheet
203Kb / 12P
   Single Supply, Low-Power, High Output, Current Feedback Amplifier
CLC450AJ NSC-CLC450AJ Datasheet
203Kb / 12P
   Single Supply, Low-Power, High Output, Current Feedback Amplifier
CLC451 NSC-CLC451 Datasheet
252Kb / 12P
   Single Supply, Low-Power, High Output, Programmable Buffer
CLC451AJ NSC-CLC451AJ Datasheet
252Kb / 12P
   Single Supply, Low-Power, High Output, Programmable Buffer
CLC452 NSC-CLC452 Datasheet
191Kb / 12P
   Single Supply, Low-Power, High Output, Current Feedback Amplifier
More results

Similar Description - CLC453

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC451 NSC-CLC451 Datasheet
252Kb / 12P
   Single Supply, Low-Power, High Output, Programmable Buffer
logo
Cypress Semiconductor
CY22U1 CYPRESS-CY22U1 Datasheet
483Kb / 15P
   Single Output, Low Power Programmable
logo
Good Will Instrument Co...
PPS-3635 GWINSTEK-PPS-3635 Datasheet
107Kb / 1P
   SINGLE OUTPUT PROGRAMMABLE LINEAR D.C. POWER SUPPLY
logo
Kinetic Technologies.
KTZ8812 KINETIC-KTZ8812 Datasheet
108Kb / 2P
   Programmable Dual Output Power Supply
January 2018 - Revision 04b
logo
National Semiconductor ...
LMH6718 NSC-LMH6718 Datasheet
846Kb / 16P
   Dual, High Output, Programmable Gain Buffer
CLC5612 NSC-CLC5612 Datasheet
304Kb / 18P
   Dual, High Output, Programmable Gain Buffer
CLC5632 NSC-CLC5632 Datasheet
202Kb / 19P
   Dual, High Output, Programmable Gain Buffer
CLC5633 NSC-CLC5633 Datasheet
188Kb / 17P
   Triple, High Output, Programmable Gain Buffer
CLC450 NSC-CLC450 Datasheet
203Kb / 12P
   Single Supply, Low-Power, High Output, Current Feedback Amplifier
CLC452 NSC-CLC452 Datasheet
191Kb / 12P
   Single Supply, Low-Power, High Output, Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com