Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5820 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CS5820
Description  21:3 LVDS Transmitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS5820 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CS5820 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS5820 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS5820 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS5820 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS5820 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS5820 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS5820 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS5820 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS5820 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
21:3 LVDS Transmitter
CS5820
BLOCK DIAGRAM
GENERAL DESCRIPTION
Myson-Century Technology
FEATURES
USA:
4020 Moorpark Avenue Suite
San Jose, CA, 95117
Tel: 408-243-8388 Fax: 408-243-3188
Sales@myson.com.tw
www.myson.com.tw
Rev.1.6 October 2001
page 1 of 12
Myson-Century Technology, Inc.
Taiwan:
No. 2, Industry East Rd. III,
Science-Based Industrial Park, Hsin-Chu, Taiwan
Tel: 886-3-5784866 Fax: 886-3-5784349
CS5820 receives three sets of 7-bit data in CMOS
logic level and convert them into three low-voltage
differential signaling (LVDS) serial channels. The 7-
bit input data is referenced to the CKIN signal. The
RF pin selects either rising or falling edge trigger of
CKIN. Parallel to serial conversion is performed by a
7X internal generated clock reference using on-chip
PLL using CKIN. A copy of CKIN but phase-locked to
the
output
serial
streams,
CLKOUT,
is
also
converted to the fourth LVDS channel. CS5820
offers a reliable communication media using LVDS
signaling and provides low EMI dealing with wide,
high-speed TTL interfaces.
This is especially attractive for interfaces between
GUI controller and display systems such as LCD
panels for SVGA/XGA/SXGA applications.
• Three 7-bit serial and one clock LVDS channels.
• Compatible with ANSI TIA/EIA-644 LVDS stan-
dard.
• Wide CKIN ranges from 31MHz to 68MHz.
• Fully integrated on-chip PLL that provides 7X
CKIN serial shift clock.
• Pin selectable for rising or falling edge trigger.
• Support power-down mode.
• 5V/3.3V tolerant data input.
• Single 3.3V supply operation.
• CMOS low power consumption.
• Functional compatible with DS90C363 and
SN75LVDS84.
• Available in 48-pin TSSOP package.
PARALLEL-IN SERIAL-OUT
D0-D6
7-Bit SHIFT REGISTER
SHIFT/LOAD_N
CLK
DIN
PARALLEL-IN SERIAL-OUT
7-Bit SHIFT REGISTER
SHIFT/LOAD_N
DIN
PARALLEL-IN SERIAL-OUT
7-Bit SHIFT REGISTER
SHIFT/LOAD_N
DIN
CLK
CLK
PHASE LOCK LOOP
R/F
CLK
7xCLK
SHIFT/LOAD_N
CONTROL LOGIC
D7-D13
D14-D20
RF
CKIN
SHTDN
EN
Y0P
Y0N
EN
Y1P
Y1N
EN
Y2P
Y2N
EN
CKOP
CKON
CS5820


Similar Part No. - CS5820

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS5821 ETC1-CS5821 Datasheet
185Kb / 14P
   21:3 LVDS Receiver
CS5823 ETC1-CS5823 Datasheet
41Kb / 1P
   TMDS Receiver
CS5824 ETC1-CS5824 Datasheet
194Kb / 13P
   28:4 LVDS Transmitter
CS5825 ETC1-CS5825 Datasheet
127Kb / 13P
   28:4 LVDS Receiver
CS5826 ETC1-CS5826 Datasheet
80Kb / 1P
   Dual Pixel LVDS Display Interface (LDI) Transmitter
More results

Similar Description - CS5820

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS5821 ETC1-CS5821 Datasheet
185Kb / 14P
   21:3 LVDS Receiver
logo
Texas Instruments
SN65LVDS93 TI-SN65LVDS93 Datasheet
192Kb / 14P
[Old version datasheet]   LVDS SERDES TRANSMITTER
logo
Rohm
BU8254KVT ROHM-BU8254KVT_13 Datasheet
456Kb / 21P
   35bit LVDS Transmitter
logo
Texas Instruments
SN65LVDS95-Q1 TI1-SN65LVDS95-Q1 Datasheet
223Kb / 14P
[Old version datasheet]   LVDS SERDES TRANSMITTER
logo
Rohm
BU90T81 ROHM-BU90T81 Datasheet
531Kb / 14P
   27bit LVDS Transmitter
BU8254GUW ROHM-BU8254GUW Datasheet
450Kb / 21P
   35bit LVDS Transmitter
logo
Texas Instruments
SN65LVDS95-EP TI1-SN65LVDS95-EP Datasheet
364Kb / 15P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95DGGR TI-SN65LVDS95DGGR Datasheet
454Kb / 18P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95 TI-SN65LVDS95 Datasheet
177Kb / 13P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS93 TI1-SN65LVDS93_15 Datasheet
838Kb / 19P
[Old version datasheet]   LVDS SERDES TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com