Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-2188M Datasheet(PDF) 6 Page - Analog Devices

Part # ADSP-2188M
Description  DSP Microcomputer
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2188M Datasheet(HTML) 6 Page - Analog Devices

Back Button ADSP-2188M Datasheet HTML 2Page - Analog Devices ADSP-2188M Datasheet HTML 3Page - Analog Devices ADSP-2188M Datasheet HTML 4Page - Analog Devices ADSP-2188M Datasheet HTML 5Page - Analog Devices ADSP-2188M Datasheet HTML 6Page - Analog Devices ADSP-2188M Datasheet HTML 7Page - Analog Devices ADSP-2188M Datasheet HTML 8Page - Analog Devices ADSP-2188M Datasheet HTML 9Page - Analog Devices ADSP-2188M Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
April 1999
ADSP-2188M Preliminary Data Sheet
For current information contact Analog Devices at (781) 461-3881
This information applies to a product under development. Its characteristics and specifications are subject to change with-
out notice. Analog Devices assumes no obligation regarding future manufacturing unless otherwise agreed to in writing.
6
REV. PrA
Serial Ports
The ADSP-2188M incorporates two complete synchronous serial ports (SPORT0 and SPORT1) for
serial communications and multiprocessor communication.
Here is a brief list of the capabilities of the ADSP-2188M SPORTs. For additional information on
Serial Ports, refer to the ADSP-2100 Family User’s Manual.
SPORTs are bidirectional and have a separate, double-buffered transmit and receive section.
SPORTs can use an external serial clock or generate their own serial clock internally.
SPORTs have independent framing for the receive and transmit sections. Sections run in a frameless
mode or with frame synchronization signals internally or externally generated. Frame sync signals
are active high or inverted, with either of two pulse widths and timings.
SPORTs support serial data word lengths from 3 to 16 bits and provide optional A-law and µ-law
companding according to CCITT recommendation G.711.
SPORT receive and transmit sections can generate unique interrupts on completing a data word
transfer.
SPORTs can receive and transmit an entire circular buffer of data with only one overhead cycle per
data word. An interrupt is generated after a data buffer transfer.
SPORT0 has a multichannel interface to selectively receive and transmit a 24 or 32 word, time-
division multiplexed, serial bitstream.
SPORT1 can be configured to have two external interrupts (IRQ0 and IRQ1) and the Flag In and
Flag Out signals. The internally generated serial clock may still be used in this configuration.
Pin Descriptions
The ADSP-2188M will be available in a 100-lead LQFP package. In order to maintain maximum
functionality and reduce package size and pin count, some serial port, programmable flag, interrupt and
external bus pins have dual, multiplexed functionality. The external bus pins are configured during
RESET only, while serial port pins are software configurable during program execution. Flag and
interrupt functionality is retained concurrently on multiplexed pins. In cases where pin functionality is
reconfigurable, the default state is shown in plain text; alternate functionality is shown in italics.
Common Mode Pins
Pin Name(s)
# of
Pins
I/O
Function
RESET
1
I
Processor Reset Input
BR
1
I
Bus Request Input
BG
1
O
Bus Grant Output
BGH
1
O
Bus Grant Hung Output
DMS
1
O
Data Memory Select Output
PMS
1
O
Program Memory Select Output
IOMS
1
O
Memory Select Output


Similar Part No. - ADSP-2188M

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2188M AD-ADSP-2188M_15 Datasheet
281Kb / 40P
   DSP Microcomputer
REV. 0
More results

Similar Description - ADSP-2188M

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com