Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT646ADB Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ABT646ADB
Description  Octal bus transceiver/register 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT646ADB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ABT646ADB Datasheet HTML 3Page - NXP Semiconductors 74ABT646ADB Datasheet HTML 4Page - NXP Semiconductors 74ABT646ADB Datasheet HTML 5Page - NXP Semiconductors 74ABT646ADB Datasheet HTML 6Page - NXP Semiconductors 74ABT646ADB Datasheet HTML 7Page - NXP Semiconductors 74ABT646ADB Datasheet HTML 8Page - NXP Semiconductors 74ABT646ADB Datasheet HTML 9Page - NXP Semiconductors 74ABT646ADB Datasheet HTML 10Page - NXP Semiconductors 74ABT646ADB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
Product specification
74ABT646A
Octal bus transceiver/register (3-State)
1998 Feb 17
7
AC CHARACTERISTICS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
Tamb = -40 to
+85oC
VCC = +5.0V ±0.5V
UNIT
Min
Typ
Max
Min
Max
fMAX
Maximum clock frequency
1
125
350
125
MHz
tPLH
tPHL
Propagation delay
CPAB to Bn or CPBA to An
1
2.2
1.7
3.9
4.4
5.1
5.21
2.2
1.7
5.6
5.6
ns
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
2
1.5
1.5
3.2
3.7
4.3
4.6
1.5
1.5
4.8
5.4
ns
tPLH
tPHL
Propagation delay
SAB to Bn or SBA to An
2
3
1.5
1.5
3.8
4.4
5.1
5.31
1.5
1.5
6.5
5.9
ns
tPZH
tPZL
Output enable time
OE to An or Bn
5
6
1.5
3.0
3.5
4.5
5.3
7.4
1.5
3.0
6.3
8.8
ns
tPHZ1
tPLZ
Output disable time
OE to An or Bn
5
6
1.5
1.5
4.0
3.3
4.81
4.0
1.5
1.5
5.31
4.5
ns
tPZH
tPZL
Output enable time
DIR to An or Bn
5
6
1.5
2.5
3.9
4.7
5.7
9.0
1.2
2.5
6.7
9.5
ns
tPHZ
tPLZ
Output disable time
DIR to An or Bn
5
6
1.5
1.5
4.0
3.5
5.0
4.7
1.5
1.5
5.7
6.0
ns
1. This data sheet limit may vary among suppliers.
AC SETUP REQUIREMENTS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
Tamb = -40 to +85oC
VCC = +5.0V ±0.5V
UNIT
Min
Typ
Min
ts(H)
ts(L)
Setup time
An to CPAB, Bn to CPBA
4
3.0
3.0
0.7
0.7
3.0
3.0
ns
th(H)
th(L)
Hold time
An to CPAB, Bn to CPBA
4
0.0
0.0
–0.5
–0.5
0.0
0.0
ns
tw(H)
tw(L)
Pulse width, High or Low
CPAB or CPBA
1
4.0
4.0
0.9
1.4
4.0
4.0
ns


Similar Part No. - 74ABT646ADB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT646ADB NXP-74ABT646ADB Datasheet
112Kb / 19P
   Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
More results

Similar Description - 74ABT646ADB

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
NXP Semiconductors
74ABT646A NXP-74ABT646A Datasheet
112Kb / 19P
   Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
74HC652 PHILIPS-74HC652 Datasheet
104Kb / 10P
   Octal bus transceiver/register; 3-state
September 1993
logo
Toshiba Semiconductor
TC74HC652AP TOSHIBA-TC74HC652AP Datasheet
311Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
STMicroelectronics
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
   HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
M74HC651 STMICROELECTRONICS-M74HC651 Datasheet
202Kb / 12P
   HC652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HC651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
logo
NXP Semiconductors
74LVC646A PHILIPS-74LVC646A Datasheet
138Kb / 16P
   Octal bus transceiver/register 3-State
1998 Jul 29
74HC646 PHILIPS-74HC646 Datasheet
91Kb / 12P
   Octal bus transceiver/register; 3-state
September 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com