Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV852K7-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV852K7-G
Description  High Voltage, Low Noise, Inductorless EL Lamp Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV852K7-G Datasheet(HTML) 2 Page - Supertex, Inc

  HV852K7-G Datasheet HTML 1Page - Supertex, Inc HV852K7-G Datasheet HTML 2Page - Supertex, Inc HV852K7-G Datasheet HTML 3Page - Supertex, Inc HV852K7-G Datasheet HTML 4Page - Supertex, Inc HV852K7-G Datasheet HTML 5Page - Supertex, Inc HV852K7-G Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
HV852
Ordering Information
DEVICE
Package Options
MSOP-8
DFN-10
HV852
HV852MG-G
HV852K7-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
V
DD,
Supply Voltage
-0.5V to 6.5V
Operating Temperature
-25°C to +85°C
Storage Temperature
-65°C to +150°C
Power Dissipation MSOP-8
300mW
Power Dissipation DFN-10
1.6W
Symbol
Parameter
Min
Typ
Max
Units
Conditions
Electrical Characteristics
(Over recommended operating conditions unless otherwise specified: T
A = 25ºC, VDD = 3.5V)
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
I
DDQ
Quiescent current
-
-
200
nA
EN = 0V
V
A or VB
Peak output voltage
72
80
88
V
No load
V
A-VB
Peak to Peak output voltage
144
160
176
V
I
DD
Operating current
-
15.2
30
mA
See Figure 1, V
DD = 3.5V,
R
EL = 1.5MΩ, Load = 3.3nF+1KΩ
V
A or VB
Peak output voltage
72
80
88
V
V
A-VB
Peak to Peak output voltage
144
160
176
V
f
EL
EL lamp frequency
210
250
300
Hz
t
rout
Output voltage rise time
-
640
-
µs
1.0in2 lamp, 0V to 90% of final value
Logic Inputs
V
IL
Input logic low voltage
0
-
0.5
V
---
V
IH
Input logic high voltage
2.0
-
V
DD
V
---
I
IL
Input logic low current
-
-
1.0
µA
---
I
IH
Input logic high current
-
-
1.0
µA
---
EN
rise
Enable input rise time
(for delay turn off)
0.01
-
10
ms
Using external R-C circuit, see Figure 2
EN
fall
Enable input fall time
(for delay turn off)
10µ
-
5
s
C
in
Logic input capacitance
-
-
10
pF
---
Recommended Operating Conditions
V
DD
Input voltage
2.4
-
5.0
V
---
f
EL
EL lamp frequency
50
-
500
Hz
---
C
load
EL lamp capacitance
0
-
5.3
nF
---
T
A
Operating Temperature
-25
-
+85
°C
---
Pin Configuration
1
2
3
4
8
7
6
5
8-Lead MSOP (MG)
(top view)
GND
VA
VB
CLKEN
VDD
REL
EN
CLKIN
VDD
REL
EN
GND
1
2
3
4
10
9
8
7
10-Lead DFN (K7)
(top view)
VA
VB
56
GND
VDD
CLKEN
CLKIN
Note:
Pads are at the bottom of the package.
Center heat slug is at ground potential.


Similar Part No. - HV852K7-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV852K7-G SUTEX-HV852K7-G Datasheet
701Kb / 7P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
More results

Similar Description - HV852K7-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV850MG-G SUTEX-HV850MG-G Datasheet
665Kb / 8P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV852 SUTEX-HV852_07 Datasheet
701Kb / 7P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV853 SUTEX-HV853_08 Datasheet
614Kb / 7P
   High Voltage, Low Noise,Inductorless EL Lamp Driver
HV852 SUTEX-HV852_09 Datasheet
659Kb / 7P
   High Voltage,Low Noise,Inductorless EL Lamp Driver
HV853 SUTEX-HV853 Datasheet
688Kb / 7P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV850 SUTEX-HV850 Datasheet
248Kb / 6P
   High Voltage Low Noise Inductorless EL Lamp Driver
HV852DB1 SUTEX-HV852DB1 Datasheet
330Kb / 2P
   High Voltage, Low Noise, Inductorless EL Lamp Driver Demoboard
HV857L SUTEX-HV857L_13 Datasheet
883Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
HV857 SUTEX-HV857_07 Datasheet
552Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
HV857L SUTEX-HV857L Datasheet
704Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com