Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT657 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ABT657
Description  Octal transceiver with parity generator/checker 3-State
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT657 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ABT657 Datasheet HTML 3Page - NXP Semiconductors 74ABT657 Datasheet HTML 4Page - NXP Semiconductors 74ABT657 Datasheet HTML 5Page - NXP Semiconductors 74ABT657 Datasheet HTML 6Page - NXP Semiconductors 74ABT657 Datasheet HTML 7Page - NXP Semiconductors 74ABT657 Datasheet HTML 8Page - NXP Semiconductors 74ABT657 Datasheet HTML 9Page - NXP Semiconductors 74ABT657 Datasheet HTML 10Page - NXP Semiconductors 74ABT657 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Philips Semiconductors
Product specification
74ABT657
Octal transceiver with parity generator/checker
(3-State)
1995 Dec 11
7
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORMS
Tamb = +25oC
VCC = +5.0V
Tamb = –40 to +85oC
VCC = +5.0V ±10%
UNIT
Min
Typ
Max
Min
Max
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
2
1.1
1.2
3.3
3.0
5.0
4.3
1.1
1.2
5.5
4.8
ns
tPLH
tPHL
Propagation delay
An to PARITY
1, 2
2.5
2.8
6.5
7.0
8.7
9.1
2.5
2.8
10.1
10.6
ns
tPLH
tPHL
Propagation delay
ODD/EVEN to PARITY, ERROR
1, 2
1.7
1.9
5.0
5.0
6.6
6.6
1.7
1.9
7.3
7.3
ns
tPLH
tPHL
Propagation delay
Bn to ERROR
1, 2
3.9
4.0
9.2
9.6
11.7
12.1
3.9
4.0
13.8
14.5
ns
tPLH
tPHL
Propagation delay
PARITY to ERROR
1, 2
2.7
3.2
6.0
6.4
7.6
8.0
2.7
3.2
9.4
9.4
ns
tPZH
tPZL
Output enable time1
to High or Low level
3, 4
1.3
1.9
3.8
4.4
5.6
7.0
1.3
1.9
6.6
8.2
ns
tPHZ
tPLZ
Output disable time
from High or Low level
3, 4
2.4
2.7
5.1
5.4
7.0
7.6
2.4
2.7
7.6
8.1
ns
NOTES:
1. These delay times reflect the 3-State recovery time only and do not include the delay through the buffers and the parity check circuitry which
affect the ERROR output. To assure
valid information at the ERROR pin, time must be allowed for the signal to propagate through the
drivers (B to A), through the parity check circuitry (same as A to PARITY), and to the ERROR output.
Valid data at the ERROR pin
≥ (B to A)
+ (A to PARITY).
AC WAVEFORMS
NOTE: For all waveforms, VM = 1.5V.
An, Bn
ODD/EVEN
PARITY
VM
tPHL
tPLH
VM
VM
VM
PARITY,
ERROR
An, Bn
ODD/EVEN
PARITY
VM
tPHL
tPLH
VM
VM
VM
PARITY,
ERROR
SA00219
Waveform 1. Propagation Delay For Inverting Output
OE
VM
tPZH
tPHZ
0V
VOH –0.3V
VM
VM
An, Bn
PARITY, ERROR
SA00221
Waveform 3. 3-State Output Enable Time to High Level and
Output Disable Time from High Level
SA00220
VM
tPLH
tPHL
VM
VM
VM
An, Bn
ODD/EVEN
PARITY
An, Bn,
PARITY,
ERROR
Waveform 2. Propagation Delay For Non-Inverting Output
SA00222
tPZL
tPLZ
0V
VOL +0.3V
VM
VM
VM
OE
An, Bn
PARITY, ERROR
Waveform 4. 3-State Output Enable Time to Low Level and
Output Disable Time from Low Level


Similar Part No. - 74ABT657

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT657 NXP-74ABT657 Datasheet
112Kb / 17P
   Octal transceiver with parity generator/checker; 3-state
Rev. 03-15 March 2010
74ABT657D NXP-74ABT657D Datasheet
112Kb / 17P
   Octal transceiver with parity generator/checker; 3-state
Rev. 03-15 March 2010
74ABT657DB NXP-74ABT657DB Datasheet
112Kb / 17P
   Octal transceiver with parity generator/checker; 3-state
Rev. 03-15 March 2010
74ABT657PW NXP-74ABT657PW Datasheet
112Kb / 17P
   Octal transceiver with parity generator/checker; 3-state
Rev. 03-15 March 2010
More results

Similar Description - 74ABT657

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT833 PHILIPS-74ABT833 Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
74ABT657 NXP-74ABT657 Datasheet
112Kb / 17P
   Octal transceiver with parity generator/checker; 3-state
Rev. 03-15 March 2010
74ABT834 PHILIPS-74ABT834 Datasheet
58Kb / 7P
   Octal inverting transceiver with parity generator/checker 3-State
June 9, 1992
logo
Texas Instruments
74ACT11657 TI1-74ACT11657 Datasheet
120Kb / 8P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN64BCT657 TI1-SN64BCT657 Datasheet
127Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI-SN74F657 Datasheet
230Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74BCT657 TI1-SN74BCT657 Datasheet
241Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI1-SN74F657_14 Datasheet
248Kb / 11P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
logo
Motorola, Inc
MC74F657A MOTOROLA-MC74F657A Datasheet
124Kb / 5P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 8-BIT PARITY GENERATOR CHECKER (3-STATE OUTPUTS)
logo
Fairchild Semiconductor
74F657 FAIRCHILD-74F657 Datasheet
61Kb / 7P
   Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com