Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT657 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ABT657
Description  Octal transceiver with parity generator/checker 3-State
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT657 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ABT657 Datasheet HTML 1Page - NXP Semiconductors 74ABT657 Datasheet HTML 2Page - NXP Semiconductors 74ABT657 Datasheet HTML 3Page - NXP Semiconductors 74ABT657 Datasheet HTML 4Page - NXP Semiconductors 74ABT657 Datasheet HTML 5Page - NXP Semiconductors 74ABT657 Datasheet HTML 6Page - NXP Semiconductors 74ABT657 Datasheet HTML 7Page - NXP Semiconductors 74ABT657 Datasheet HTML 8Page - NXP Semiconductors 74ABT657 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Philips Semiconductors
Product specification
74ABT657
Octal transceiver with parity generator/checker
(3-State)
2
1995 Dec 11
853–1615 16106
FEATURES
Combinational functions in one package
Low static and dynamic power dissipation with high speed and
high output drive
Output capability: +64mA/–32mA
Power-up 3-State
Latch-up protection exceeds 500mA per Jedec Std 17
ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model
DESCRIPTION
The 74ABT657 high-performance BiCMOS device combines low
static and dynamic power dissipation with high speed and high
output drive.
The 74ABT657 is an octal transceiver featuring non-inverting buffers
with 3-State outputs and an 8-bit parity generator/checker, and is
intended for bus-oriented applications. The buffers have a
guaranteed current sinking capability of 64mA. The
Transmit/Receive (T/R) input determines the direction of the data
flow through the bidirectional transceivers. Transmit (active-High)
enables data from A ports to B ports; Receive (active-Low) enables
data from B ports to A ports.
The Output Enable (OE) input disables both the A and B ports by
placing them in a high impedance condition when the OE input is
High. The parity select (ODD/EVEN) input gives the user the option
of odd or even parity systems. The parity (PARITY) pin is an output
from the generator/checker when transmitting from the port A to B
(T/R = High) and an input when receiving from port B to A port (T/R
= Low). When transmitting (T/R = High) the parity select
(ODD/EVEN) input is set, then the A port data is polled to determine
the number of High bits. The parity (PARITY) output then goes to the
logic state determined by the parity select (ODD/EVEN) setting and
by the number of High bits on port A. For example, if the parity
select (ODD/EVEN) is set Low (even parity), and the number of
High bits on port A is odd, then the parity (PARITY) output will be
High, transmitting even parity. If the number of High bits on port A is
even, then the parity (PARITY) output will be Low, keeping even
parity. When in receive mode (T/R = Low) the B port is polled to
determine the number of High bits. If parity select (ODD/EVEN) is
Low (even parity) and the number of Highs on port B is:
(1) odd and the parity (PARITY) input is High, then ERROR will be
High, signifying no error.
(2) even and the parity (PARITY) input is High, then ERROR will be
asserted Low, indicating an error.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
CL = 50pF; VCC = 5V
3.3
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
CI/O
I/O capacitance
Outputs disabled;
VO = 0V or VCC
7
pF
ICCZ
Total supply current
Outputs disabled; VCC =5.5V
500
nA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
24-Pin Plastic DIP
–40
°C to +85°C
74ABT657 N
74ABT657 N
SOT222-1
24-Pin plastic SO
–40
°C to +85°C
74ABT657 D
74ABT657 D
SOT137-1
24-Pin Plastic SSOP Type II
–40
°C to +85°C
74ABT657 DB
74ABT657 DB
SOT340-1
24-Pin Plastic TSSOP Type I
–40
°C to +85°C
74ABT657 PW
74ABT657PW DH
SOT355-1
PIN CONFIGURATION
24
23
22
21
20
19
18
17
16
15
14
13
12
10
11
9
8
7
6
5
4
3
2
1OE
ERROR
ODD/EVEN
T/R
B0
B1
B2
B3
B4
B5
B6
B7
A0
A1
A2
A3
A4
VCC
A5
A6
A7
PARITY
GND
GND
SA00181
TOP VIEW
PIN DESCRIPTION
SYMBOL
PIN NUMBER
NAME AND FUNCTION
13
PARITY
Parity output
11
ODD/EVEN
Parity select input
12
ERROR
Error output
1
T/R
Transmit/receive input
2, 3, 4, 5,
6, 8, 9, 10
A0 - A7
A port 3-State outputs
23, 22, 21, 20,
17, 16, 15, 14
B0 - B7
B port 3-State outputs
24
OE
Output enable input (active-Low)
18, 19
GND
Ground (0V)
7
VCC
Positive supply voltage


Similar Part No. - 74ABT657

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT657 NXP-74ABT657 Datasheet
112Kb / 17P
   Octal transceiver with parity generator/checker; 3-state
Rev. 03-15 March 2010
74ABT657D NXP-74ABT657D Datasheet
112Kb / 17P
   Octal transceiver with parity generator/checker; 3-state
Rev. 03-15 March 2010
74ABT657DB NXP-74ABT657DB Datasheet
112Kb / 17P
   Octal transceiver with parity generator/checker; 3-state
Rev. 03-15 March 2010
74ABT657PW NXP-74ABT657PW Datasheet
112Kb / 17P
   Octal transceiver with parity generator/checker; 3-state
Rev. 03-15 March 2010
More results

Similar Description - 74ABT657

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT833 PHILIPS-74ABT833 Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
74ABT657 NXP-74ABT657 Datasheet
112Kb / 17P
   Octal transceiver with parity generator/checker; 3-state
Rev. 03-15 March 2010
74ABT834 PHILIPS-74ABT834 Datasheet
58Kb / 7P
   Octal inverting transceiver with parity generator/checker 3-State
June 9, 1992
logo
Texas Instruments
74ACT11657 TI1-74ACT11657 Datasheet
120Kb / 8P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN64BCT657 TI1-SN64BCT657 Datasheet
127Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI-SN74F657 Datasheet
230Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74BCT657 TI1-SN74BCT657 Datasheet
241Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI1-SN74F657_14 Datasheet
248Kb / 11P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
logo
Motorola, Inc
MC74F657A MOTOROLA-MC74F657A Datasheet
124Kb / 5P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 8-BIT PARITY GENERATOR CHECKER (3-STATE OUTPUTS)
logo
Fairchild Semiconductor
74F657 FAIRCHILD-74F657 Datasheet
61Kb / 7P
   Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com