Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT648PWDH Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ABT648PWDH
Description  Octal transceiver/register, inverting 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT648PWDH Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ABT648PWDH Datasheet HTML 3Page - NXP Semiconductors 74ABT648PWDH Datasheet HTML 4Page - NXP Semiconductors 74ABT648PWDH Datasheet HTML 5Page - NXP Semiconductors 74ABT648PWDH Datasheet HTML 6Page - NXP Semiconductors 74ABT648PWDH Datasheet HTML 7Page - NXP Semiconductors 74ABT648PWDH Datasheet HTML 8Page - NXP Semiconductors 74ABT648PWDH Datasheet HTML 9Page - NXP Semiconductors 74ABT648PWDH Datasheet HTML 10Page - NXP Semiconductors 74ABT648PWDH Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
Product specification
74ABT648
Octal bus transceiver/register, inverting (3-State)
1998 Jun 08
7
AC CHARACTERISTICS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
Tamb = -40 to
+85oC
VCC = +5.0V ±0.5V
UNIT
Min
Typ
Max
Min
Max
fMAX
Maximum clock frequency
1
125
200
125
MHz
tPLH
tPHL
Propagation delay
CPAB to Bn or CPBA to An
1
2.2
1.7
5.3
5.9
6.8
7.4
2.2
1.7
7.8
8.4
ns
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
2
3
1.0
1.5
3.6
4.2
5.1
5.6
1.0
1.5
6.1
6.3
ns
tPLH
tPHL
Propagation delay
SAB to Bn or SBA to An
2
3
1.5
1.5
4.9
5.4
6.1
6.9
1.5
1.5
7.1
7.7
ns
tPZH
tPZL
Output enable time
OE to An or Bn
5
6
1.0
2.1
4.3
5.5
5.3
7.4
1.0
2.1
6.3
8.8
ns
tPHZ
tPLZ
Output disable time
OE to An or Bn
5
6
1.5
1.5
6.2
6.0
7.3
7.0
1.5
1.5
8.3
7.5
ns
tPZH
tPZL
Output enable time
DIR to An or Bn
5
6
1.2
2.5
4.8
6.0
5.7
9.0
1.2
2.5
6.7
9.5
ns
tPHZ
tPLZ
Output disable time
DIR to An or Bn
5
6
1.5
1.5
5.9
6.3
6.7
7.2
1.5
1.5
7.7
8.2
ns
AC SETUP REQUIREMENTS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
Tamb = -40 to +85oC
VCC = +5.0V ±0.5V
UNIT
Min
Typ
Min
ts(H)
ts(L)
Setup time
An to CPAB, Bn to CPBA
4
3.0
3.0
1.5
1.0
3.0
3.0
ns
th(H)
th(L)
Hold time
An to CPAB, Bn to CPBA
4
0.0
0.0
–0.4
–1.0
0.0
0.0
ns
tw(H)
tw(L)
Pulse width, High or Low
CPAB or CPBA
1
3.5
4.0
2.6
1.0
3.5
4.0
ns


Similar Part No. - 74ABT648PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT640 PHILIPS-74ABT640 Datasheet
104Kb / 10P
   Octal transceiver with direction pin, inverting 3-State
1998 Jan 16
74ABT640D PHILIPS-74ABT640D Datasheet
104Kb / 10P
   Octal transceiver with direction pin, inverting 3-State
1998 Jan 16
74ABT640DB PHILIPS-74ABT640DB Datasheet
104Kb / 10P
   Octal transceiver with direction pin, inverting 3-State
1998 Jan 16
74ABT640N PHILIPS-74ABT640N Datasheet
104Kb / 10P
   Octal transceiver with direction pin, inverting 3-State
1998 Jan 16
74ABT640PW PHILIPS-74ABT640PW Datasheet
104Kb / 10P
   Octal transceiver with direction pin, inverting 3-State
1998 Jan 16
More results

Similar Description - 74ABT648PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT651 PHILIPS-74ABT651 Datasheet
88Kb / 7P
   Octal transceiver/register, inverting 3-State
1995 Sep 06
74ABT652A NXP-74ABT652A Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74F646 PHILIPS-74F646 Datasheet
121Kb / 16P
   Octal transceiver/register, non-inverting 3-State
1990 Sep 25
74HC648 PHILIPS-74HC648 Datasheet
95Kb / 12P
   Octal bus transceiver/register; 3-state; inverting
December 1990
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
logo
NXP Semiconductors
74LVT652 PHILIPS-74LVT652 Datasheet
110Kb / 14P
   3.3V Octal transceiver/register, non-inverting 3-State
1998 Feb 19
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com