Selected language     English  ▼


D386 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. D386
Description  Low Voltage Audio Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 4 page
background image
Silicore
D386
APPLICATION CIRCUIT
10K
0.05uF
250uF
10
-
+
6
1
8
5
7
4
3
2
Vin
Vs
D386
10K
0.05uF
250uF
10
-
+
6
1
8
5
7
4
3
2
Vin
Vs
D386
10uF
旁路
Fig1
Amplifier with Gain = 20
Fig2
Amplifier with Gain = 200
( M i n i mu m P a r t s )
220
0.05uF
250uF
10
-
+
6
1
8
5
7
4
3
2
热敏电阻
Vs
D386
10uF
ÅÔ·
RL
390
0.01uF
4.7K
Vo
10K
0.05uF
250uF
10
-
+
6
1
8
5
7
4
3
2
Vin
Vs
D386
10uF
旁路
1.2K
Fig3
Amplifier with Gain = 50
Fig4
Low Distortion Power
Wienbridge Oscillator
50uF
-
+
6
1
8
5
7
4
3
2
Vs
D386
RL
30K
0.1uF
1K
Vo
10K
10K
250uF
10
-
+
6
1
8
5
7
4
3
2
Vin
Vs
D386
旁路
RL
10K
Vo
Fig5 Amplifier with Bass Boost
Fig6
Square Wave Oscillator
SHAOXING SILICORE TECHNOLOGY CO.,LTD
www. Silicore. com. cn
CHMC
4/6




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NJM2113LOW VOLTAGE AUDIO POWER AMPLIFIER 1 2 3 4 New Japan Radio
UTCLM386LOW VOLTAGE AUDIO POWER AMPLIFIER 1 2 Unisonic Technologies
NJM2135LOW VOLTAGE AUDIO POWER AMPLIFIER 1 2 3 4 5 New Japan Radio
LM389LM389 Low Voltage Audio Power Amplifier with NPN Transistor Array 1 2 3 4 5 MoreNational Semiconductor (TI)
LM4804Low Voltage High Power Audio Power Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
UTC386LOW VOLTAGE AUDIO POWER AMPLIFIER 1 2 List of Unclassifed Manufacturers
LM831LM831 Low Voltage Audio Power Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl