Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3473-8600 Datasheet(PDF) 3 Page - 3M Electronics

Part # 3473-8600
Description  3M Pak 100 Wiremount Socket
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3473-8600 Datasheet(HTML) 3 Page - 3M Electronics

  3473-8600 Datasheet HTML 1Page - 3M Electronics 3473-8600 Datasheet HTML 2Page - 3M Electronics 3473-8600 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Printed in USA.
© 3M 200
5
3
Electronic Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
www.3M.com/esd
Minimum 10%
Post-consumer Fiber
Important Notice
All statements, technical information, and recommendations related
to 3M’s products are based on information believed to be reliable,
but the accuracy or completeness is not guaranteed. Before using
this product, you must evaluate it and determine if it is suitable
for your intended application. You assume all risks and liability
associated with such use. Any statements related to the product
which are not contained in 3M’s current publications, or any
contrary statements contained on your purchase order shall have
no force or effect unless expressly agreed upon, in writing, by an
authorized officer of 3M.
Warranty; Limited Remedy; Limited Liability.
This product will be free from defects in material and manufacture
for a period of 1 year from the time of purchase. 3M MAKES NO
OTHER WARRANTIES INCLUDING, BUT NOT LIMITED TO, ANY
IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS
FOR A PARTICULAR PURPOSE. If this product is defective within
the warranty period stated above, your exclusive remedy shall be,
at 3M’s option, to replace or repair the 3M product or refund the
purchase price of the 3M product. Except where prohibited by
law, 3M will not be liable for any indirect, special, incidental or
consequential loss or damage arising from this 3M product,
regardless of the legal theory asserted.


Similar Part No. - 3473-8600

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3473-8650 3M-3473-8650 Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
3473-86E 3M-3473-86E Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
3473-86I 3M-3473-86I Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
More results

Similar Description - 3473-8600

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3435-0 3M-3435-0 Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
89110-0001HA 3M-89110-0001HA Datasheet
412Kb / 3P
   3M Pak 100 Preassembled Wiremount Socket
P25LE-030S-DA 3M-P25LE-030S-DA Datasheet
830Kb / 3P
   3M Pak 50 Low Profile Wiremount Socket
M3BMK-1618J 3M-M3BMK-1618J Datasheet
1Mb / 4P
   3M Wiremount Socket
3573-1000 3M-3573-1000 Datasheet
451Kb / 4P
   3M D Ribbon Wiremount Socket
355 3M-355 Datasheet
839Kb / 3P
   3M??Power Clamp Wiremount Socket
3448-3050 3M-3448-3050 Datasheet
392Kb / 4P
   .100 x .100 Wiremount Socket
3490-5 3M-3490-5 Datasheet
20Kb / 1P
   100 X 100, Wiremount Socket
38104-0018-000FL 3M-38104-0018-000FL Datasheet
639Kb / 2P
   3M?줝INK CONNECTOR, 2.54MM[.100"], WIREMOUNT, HERMAPHRODITIC
3358-0001 3M-3358-0001 Datasheet
440Kb / 3P
   3M Pak 100 Card-Edge
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com