Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

H78LXX Datasheet(HTML) 7 Page - Hi-Sincerity Mocroelectronics

Part No. H78LXX
Description  3-TERMINAL POSITIVE VOLTAGE REGULATORS
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HSMC [Hi-Sincerity Mocroelectronics]
Homepage  http://www.hsmc.com.tw
Logo 

H78LXX Datasheet(HTML) 7 Page - Hi-Sincerity Mocroelectronics

Back Button H78LXX Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 10 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200403
Issued Date : 2004.03.01
Revised Date : 2004.08.31
Page No. : 7/10
H78LXXAM / BM, H78LXXAA / BA
HSMC Product Specification
Test Circuits
Application Circuits
Constant Current Regulator
Circuit for Increasing Output Voltage
Adjustable Output Regulator
High Output Current with Short-circuit Protection
31
2
H78LXX
Series
VOUT
VIN
RL
270pF
100
31
2
H78LXX
Series
VOUT
VIN
CIN
0.33uF
COUT
0.1uF
DC Parameter
CIN
0.33uF
Load Regulation
VOUT
0V
31
2
H78L05
Series
VOUT
VIN
RL
Ripple Rejection
+
-
+
-
DC 9V
V
OUT=VOUT(IC)+VZ
I
1=VOUT(IC)/R1
V
OUT=VOUT(IC)(1+R2/R1)+R2*IB
V
OUT=VOUT(IC)(1+R2/R1)
R
1≤VBE1/IB(max)
R
SC=VBE2/ISC, ISC: Short-Circuit Current
31
2
H78LXX
Series
VOUT
VIN
0.33uF
R1
IR1
0.1uF
10uF
31
2
H78LXX
Series
VOUT
VIN
0.33uF
R1
IB
0.1uF
10uF
R2
31
2
H78LXX
Series
VOUT
VIN
0.33uF
R1
IB
0.1uF 10uF
R2
+
-
31
2
H78LXX
Series
VOUT
VIN
0.33uF
R1
0.1uF
10uF
Rsc
Q1
Q2


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM78MXX3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor (TI)
LM78L00LM78L00 Series 3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor (TI)
TA78L05F3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreToshiba Semiconductor
PJ78003-Terminal Fixed Voltage Positive Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
H78XX3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics
PJ78L003-Terminal Low Current Positive Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LM7812A3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreFairchild Semiconductor
LM3413-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor (TI)
AX78LXX3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn