Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSB1386A Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part # HSB1386A
Description  LOW FREQUENCY TRANSISTOR (-20V, -4A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HSB1386A Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  HSB1386A Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HSB1386A Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HSB1386A Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HSB1386A Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HA200111
Issued Date : 2001.12.01
Revised Date : 2005.02.14
Page No. : 2/4
HSB1386A
HSMC Product Specification
Characteristics Curve
Current Gain & Collector Current
100
1000
1
10
100
1000
10000
Collector Current-IC (mA)
hFE @ VCE=2V
Saturation Voltage & Collector Current
1
10
100
1000
1
10
100
1000
10000
Collector Current-IC (mA)
VCE(sat) @ IC=20IB
VCE(sat) @ IC=40IB
Saturation Voltage & Collector Current
100
1000
10000
1
10
100
1000
10000
Collector Current-IC (mA)
VBE(sat) @ IC=20IB
Capacitance & Reverse-Biased Voltage
10
100
1000
0.1
1
10
100
Reverse Biased Voltage (V)
Cob
Power Derating
0
100
200
300
400
500
600
700
800
0
20
40
60
80
100
120
140
Ta(
oC) , Ambient Temperature


Similar Part No. - HSB1386A

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSB1386I HSMC-HSB1386I Datasheet
45Kb / 4P
   LOW FREQUENCY TRANSISTOR (-20V,-4A)
HSB1386J HSMC-HSB1386J Datasheet
49Kb / 4P
   LOW FREQUENCY TRANSISTOR (-20V, -4A)
More results

Similar Description - HSB1386A

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSB1386I HSMC-HSB1386I Datasheet
45Kb / 4P
   LOW FREQUENCY TRANSISTOR (-20V,-4A)
HSB1386J HSMC-HSB1386J Datasheet
49Kb / 4P
   LOW FREQUENCY TRANSISTOR (-20V, -4A)
logo
Rohm
2SC4115S ROHM-2SC4115S Datasheet
96Kb / 4P
   Low Frequency Transistor (20V, 3A)
2SD2264 ROHM-2SD2264 Datasheet
99Kb / 4P
   Low Frequency Transistor (20V,3A)
2SD2150T100S ROHM-2SD2150T100S Datasheet
113Kb / 3P
   Low Frequency Transistor (20V, 3A)
2SD2150 ROHM-2SD2150 Datasheet
100Kb / 4P
   Low Frequency Transistor(20V, 3A)
2SD2150T100R ROHM-2SD2150T100R Datasheet
113Kb / 3P
   Low Frequency Transistor (20V, 3A)
2SC4115STPR ROHM-2SC4115STPR Datasheet
165Kb / 3P
   Low Frequency Transistor (20V, 3A)
2SB1386 ROHM-2SB1386 Datasheet
107Kb / 5P
   Low Frequency Transistor(-20V,-5A)
2SC4115S ROHM-2SC4115S_09 Datasheet
165Kb / 3P
   Low Frequency Transistor (20V, 3A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com