Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUN2114 Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part # HUN2114
Description  PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HUN2114 Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  HUN2114 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HUN2114 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HUN2114 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HUN2114 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics HUN2114 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HN200301
Issued Date : 2003.03.01
Revised Date : 2005.01.14
Page No. : 2/5
HUN21XX Series
HSMC Product Specification
Electrical Characteristics (T
A=25°C unless otherwise noted)
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Off Characteristics
Collector-Base Cutoff Current (V
CB=-50V, IE=0)
I
CBO
-
-
-100
nAdc
Collector-Emitter Cutoff Current (V
CE=-50V, IB=0)
I
CEO
-
-
-500
nAdc
HUN2111
-
-
-0.5
HUN2112
-
-
-0.2
HUN2113
-
-
-0.1
HUN2114
-
-
-0.2
HUN2115
-
-
-0.9
HUN2116
-
-
-1.9
HUN2130
-
-
-4.3
HUN2131
-
-
-2.3
HUN2132
-
-
-1.5
HUN2133
-
-
-0.18
HUN2134
-
-
-0.13
HUN2136
-
-
-0.05
HUN2137
-
-
-0.13
Emitter-Base Cutoff Current
(V
EB=-6V, IC=0)
HUN2140
I
EBO
--
-0.20
mAdc
Collector-Base Breakdown Voltage (I
C=-10uA, IE=0)
V
(BR)CBO
-50
-
-
Vdc
Collector-Emitter Breakdown Voltage (I
C=-2mA, IB=0)
*V
(BR)CEO
-50
-
-
Vdc
*On Characteristics
HUN2111
35
60
-
HUN2112
60
100
-
HUN2113
80
140
-
HUN2114
80
140
-
HUN2115
160
250
-
HUN2116
160
250
-
HUN2130
3
5
-
HUN2131
8
15
-
HUN2132
15
27
-
HUN2133
80
140
-
HUN2134
80
130
-
HUN2136
80
150
-
HUN2137
80
140
-
DC Current Gain
(V
CE=-10V, IC=-5mA)
HUN2140
hFE
120
250
-
Collector-Emitter Saturation Voltage
(I
C=-10mA, IB=-0.3mA) HUN2111/HUN2112/HUN2113/HUN2114
HUN2115/HUN2130/HUN2136/HUN2137
(I
C=-10mA, IB=-5mA) HUN2131
(I
C=-10mA, IB=-1mA) HUN2116/HUN2132/HUN2134/HUN2140
V
CE(sat)
--
-0.25
Vdc
HUN2111
-
-
-0.2
HUN2112
-
-
-0.2
HUN2114
-
-
-0.2
HUN2115
-
-
-0.2
HUN2116
-
-
-0.2
HUN2130
-
-
-0.2
HUN2131
-
-
-0.2
HUN2132
-
-
-0.2
HUN2133
-
-
-0.2
Output Voltage (on)
(V
CC=-5V, VB=-2.5V, RL=1kΩ)
HUN2134
-
-
-0.2
HUN2113
-
-
-0.2
(V
CC=-5V, VB=-3.5V, RL=1kΩ)
HUN2140
-
-
-0.2
(V
CC=-5V, VB=-5.5V, RL=1kΩ)
HUN2136
-
-
-0.2
(V
CC=-5V, VB=-4.0V, RL=1kΩ)
HUN2137
V
OL
--
-0.2
Vdc
*Pulse Test: Pulse Width
≤300us, Duty Cycle≤2%


Similar Part No. - HUN2114

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HUN21XX HSMC-HUN21XX Datasheet
47Kb / 5P
   Simplifies Circuit Design
More results

Similar Description - HUN2114

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LDTA114EET1G LEIDITECH-LDTA114EET1G Datasheet
1Mb / 12P
   Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN2135LT1 LRC-LMUN2135LT1 Datasheet
81Kb / 4P
   Bias Resistor Transistors, PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
LDTA115EM3T5G LRC-LDTA115EM3T5G_15 Datasheet
143Kb / 11P
   PNP Silicon Surface Mount Transistors With Monolithic Bias Resistor Network
logo
ON Semiconductor
DTA115EET1 ONSEMI-DTA115EET1 Datasheet
142Kb / 12P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
July, 2004 ??Rev. 4
logo
Shanghai Leiditech Elec...
LMUN21XXLT1G LEIDITECH-LMUN21XXLT1G Datasheet
644Kb / 8P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
E-Tech Electronics LTD
MUN5111W ETL-MUN5111W Datasheet
577Kb / 11P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN5111DW1T1 LRC-LMUN5111DW1T1 Datasheet
321Kb / 12P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
AiT Semiconductor Inc.
DTA114EM AITSEMI-DTA114EM Datasheet
1Mb / 14P
   BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Leshan Radio Company
LMUN2237LT1 LRC-LMUN2237LT1 Datasheet
100Kb / 4P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LDTC114EET1G LEIDITECH-LDTC114EET1G Datasheet
1Mb / 9P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com