Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUN2215 Datasheet(PDF) 3 Page - Hi-Sincerity Mocroelectronics

Part # HUN2215
Description  NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HUN2215 Datasheet(HTML) 3 Page - Hi-Sincerity Mocroelectronics

  HUN2215 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HUN2215 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HUN2215 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HUN2215 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics HUN2215 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics HUN2215 Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HN200302
Issued Date : 2003.03.01
Revised Date : 2005.01.14
Page No. : 3/6
HUN22XX Series
HSMC Product Specification
Electrical Characteristics (T
A=25°C unless otherwise noted)
Characteristic
Symbol
Min.
Typ.
Max.
Unit
*On Characteristics
HUN2211
35
60
-
HUN2212
60
100
-
HUN2213
80
140
-
HUN2214
80
140
-
HUN2215
160
350
-
HUN2216
160
350
-
HUN2230
3
5
-
HUN2231
8
15
-
HUN2232
15
30
-
HUN2233
80
200
-
HUN2234
80
150
-
HUN2235
80
140
-
HUN2236
80
150
-
HUN2237
80
140
HUN2238
160
350
-
HUN2240
160
350
DC Current Gain
(V
CE=10V, IC=5mA)
HUN2241
hFE
160
350
-
Collector-Emitter Saturation Voltage
(I
C=10mA, IB=0.3mA)
(I
C=10mA, IB=5mA) HUN2230/HUN2231
(I
C=10mA, IB=1mA)
HUN2215/HUN2216/HUN2232/HUN2233
HUN2234/HUN2235/HUN2238
V
CE(sat)
-
-
0.25
Vdc
*On Characteristics
HUN2211
-
-
0.2
HUN2212
-
-
0.2
HUN2214
-
-
0.2
HUN2215
-
-
0.2
HUN2216
-
-
0.2
HUN2230
-
-
0.2
HUN2231
-
-
0.2
HUN2232
-
-
0.2
HUN2233
-
-
0.2
HUN2234
-
-
0.2
HUN2235
-
-
0.2
Output Voltage (on)
(V
CC=5V, VB=2.5V, RL=1kΩ)
HUN2238
-
-
0.2
HUN2213
-
-
0.2
(V
CC=5V, VB=3.5V, RL=1kΩ)
HUN2240
-
-
0.2
(V
CC=5V, VB=5.5V, RL=1kΩ)
HUN2236
-
-
0.2
(V
CC=5V, VB=4.0V, RL=1kΩ)
HUN2237
-
-
0.2
(V
CC=5V, VB=5V, RL=1kΩ)
HUN2241
V
OL
--
0.2
Vdc
*Pulse Test: Pulse Width
≤300us, Duty Cycle≤2%


Similar Part No. - HUN2215

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HUN2111 HSMC-HUN2111 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
HUN2112 HSMC-HUN2112 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
HUN2113 HSMC-HUN2113 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
HUN2114 HSMC-HUN2114 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
HUN2115 HSMC-HUN2115 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results

Similar Description - HUN2215

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
DTC144EE LEIDITECH-DTC144EE Datasheet
714Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN5211T1 LRC-LMUN5211T1 Datasheet
133Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LMUN5211T1G LEIDITECH-LMUN5211T1G Datasheet
772Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTC144TT1 ONSEMI-DTC144TT1_05 Datasheet
51Kb / 4P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
October, 2005 ??Rev. 2
DTC114EET1 ONSEMI-DTC114EET1_06 Datasheet
92Kb / 11P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
March, 2006 ??Rev. 8
logo
AiT Semiconductor Inc.
MUN2211 AITSEMI-MUN2211 Datasheet
1Mb / 20P
   BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.2
logo
Leshan Radio Company
LMUN2211LT1 LRC-LMUN2211LT1 Datasheet
133Kb / 11P
   BIAS RESISTOR TRANSISTOR, NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
logo
First Silicon Co., Ltd
S-LMUN2213LT1G FS-S-LMUN2213LT1G Datasheet
423Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
2017. 05. 10 Revision No : 0
logo
Shanghai Leiditech Elec...
LMUN5232T1G LEIDITECH-LMUN5232T1G Datasheet
925Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
LDTD123YLT1G LEIDITECH-LDTD123YLT1G Datasheet
586Kb / 3P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
SDTC114EET1 ONSEMI-SDTC114EET1 Datasheet
145Kb / 13P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
May, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com