Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUN2216 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HUN2216
Description  NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HUN2216 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HUN2216 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HUN2216 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HUN2216 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HUN2216 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics HUN2216 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics HUN2216 Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HN200302
Issued Date : 2003.03.01
Revised Date : 2005.01.14
Page No. : 1/6
HUN22XX Series
HSMC Product Specification
HUN2211 / HUN2212 / HUN2213 / HUN2214 / HUN2215
HUN2216 / HUN2230 / HUN2231 / HUN2232 / HUN2233
HUN2234 / HUN2235 / HUN2236 / HUN2237 / HUN2238
HUN2240 / HUN2241
NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
Description
This new series of digital transistors is designed to replace a single device and its
external resistor bias network. The BRT (Bias Resistor Transistor) contains a single
transistor with a monolithic bias network consisting of two resistors; a series base
resistor and a base-emitter resistor. The BRT eliminates these individual components by
integrating them into a single device. The use of a BRT can reduce both system cost and
board space. The device is housed in the SOT-23 package which is designed for low
power surface Mount applications.
• Simplifies Circuit Design
• Reduces Board Space
• Reduces Component Count
• Moisture Sensitivity Level: 1
• ESD Rating: Human Body Model: Class1, Machine Model: Class B
• The SOT-23 package can be soldered using wave or reflow. (The modified gull-winged leads absorb thermal stress
during soldering eliminating the possibility of damage to the die.)
• Available in 8mm embossed tape and reel. Use the device number to order the 7 inch / 3,000 unit reel.
Maximum Ratings (T
A=25
oC unless otherwise noted)
Rating
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
50
Vdc
Collector-Emitter Voltage
V
CEO
50
Vdc
Collector Curretn
I
C
100
mAdc
Total Power Dissipation @ T
A=25°C
Derate above 25
°C
(Note1)
P
D
200
1.6
mW
mW/
°C
Note1: Device mounted on a FR-4 glass epoxy printed circuit board using the minimum recommended footprint.
Thermal Characteristics
Rating
Symbol
Value
Unit
Thermal Resistance-Junction-to-Ambient
RθJA
625
°C/W
Operating and Storage Temperature Range
T
J, Tstg
-65 to +150
°C
Maximum Temperature for Soldering Purposes
Time in Solder Bath
T
L
260
10
°C
Sec
Symbol:
SOT-23
Pin 1
Base
(Input)
R1
R2
Pin 3
Collector
(Output)
Pin 2
Emitter
(Ground)


Similar Part No. - HUN2216

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HUN2111 HSMC-HUN2111 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
HUN2112 HSMC-HUN2112 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
HUN2113 HSMC-HUN2113 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
HUN2114 HSMC-HUN2114 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
HUN2115 HSMC-HUN2115 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results

Similar Description - HUN2216

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
DTC144EE LEIDITECH-DTC144EE Datasheet
714Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN5211T1 LRC-LMUN5211T1 Datasheet
133Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LMUN5211T1G LEIDITECH-LMUN5211T1G Datasheet
772Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTC144TT1 ONSEMI-DTC144TT1_05 Datasheet
51Kb / 4P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
October, 2005 ??Rev. 2
DTC114EET1 ONSEMI-DTC114EET1_06 Datasheet
92Kb / 11P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
March, 2006 ??Rev. 8
logo
AiT Semiconductor Inc.
MUN2211 AITSEMI-MUN2211 Datasheet
1Mb / 20P
   BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.2
logo
Leshan Radio Company
LMUN2211LT1 LRC-LMUN2211LT1 Datasheet
133Kb / 11P
   BIAS RESISTOR TRANSISTOR, NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
logo
First Silicon Co., Ltd
S-LMUN2213LT1G FS-S-LMUN2213LT1G Datasheet
423Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
2017. 05. 10 Revision No : 0
logo
Shanghai Leiditech Elec...
LMUN5232T1G LEIDITECH-LMUN5232T1G Datasheet
925Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
LDTD123YLT1G LEIDITECH-LDTD123YLT1G Datasheet
586Kb / 3P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
SDTC114EET1 ONSEMI-SDTC114EET1 Datasheet
145Kb / 13P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
May, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com