Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUN2234 Datasheet(PDF) 4 Page - Hi-Sincerity Mocroelectronics

Part # HUN2234
Description  NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HUN2234 Datasheet(HTML) 4 Page - Hi-Sincerity Mocroelectronics

  HUN2234 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HUN2234 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HUN2234 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HUN2234 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics HUN2234 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics HUN2234 Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HN200302
Issued Date : 2003.03.01
Revised Date : 2005.01.14
Page No. : 4/6
HUN22XX Series
HSMC Product Specification
Electrical Characteristics (T
A=25°C unless otherwise noted)
Characteristic
Symbol
Min.
Typ.
Max.
Unit
*On Characteristics
Output Voltage (off) (V
CC=5V, VB=0.5V, RL=1kΩ)
HUN2215
HUN2216
HUN2233
HUN2238
(V
CC=5V, VB=0.25V, RL=1kΩ)
HUN2240
(V
CC=5V, VB=0.05V, RL=1kΩ)
HUN2230
V
OH
4.9
-
-
Vdc
HUN2211
7
10
13
HUN2212
15.4
22
28.6
HUN2213
32.9
47
61.1
HUN2214
7
10
13
HUN2215
7
10
13
HUN2216
3.3
4.7
6.1
HUN2230
0.7
1
1.3
HUN2231
1.5
2.2
2.9
HUN2232
3.3
4.7
6.1
HUN2233
3.3
4.7
6.1
HUN2234
15.4
22
28.6
HUN2235
1.54
2.2
2.86
HUN2236
32.9
47
61.1
HUN2237
70
100
130
HUN2238
1.54
2.2
2.88
HUN2240
32.9
47
61.1
Input Resistor
HUN2241
R
1
70
100
130
k
0.811.2
0.17
0.21
0.25
--
-
--
-
0.811.2
0.055
0.1
0.185
0.38
0.47
0.56
0.038
0.047
0.056
Resistor Ratio HUN2211/HUN2212/HUN2213 /HUN2236
HUN2214
HUN2215/HUN2216/HUN2238/HUN2240
HUN2241
HUN2230/HUN2231/HUN2232
HUN2233
HUN2234
HUN2235
HUN2237
R
1/R2
1.7
2.1
2.6
*Pulse Test: Pulse Width
≤300us, Duty Cycle≤2%


Similar Part No. - HUN2234

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HUN2111 HSMC-HUN2111 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
HUN2112 HSMC-HUN2112 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
HUN2113 HSMC-HUN2113 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
HUN2114 HSMC-HUN2114 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
HUN2115 HSMC-HUN2115 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results

Similar Description - HUN2234

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
DTC144EE LEIDITECH-DTC144EE Datasheet
714Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN5211T1 LRC-LMUN5211T1 Datasheet
133Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LMUN5211T1G LEIDITECH-LMUN5211T1G Datasheet
772Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTC144TT1 ONSEMI-DTC144TT1_05 Datasheet
51Kb / 4P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
October, 2005 ??Rev. 2
DTC114EET1 ONSEMI-DTC114EET1_06 Datasheet
92Kb / 11P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
March, 2006 ??Rev. 8
logo
AiT Semiconductor Inc.
MUN2211 AITSEMI-MUN2211 Datasheet
1Mb / 20P
   BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.2
logo
Leshan Radio Company
LMUN2211LT1 LRC-LMUN2211LT1 Datasheet
133Kb / 11P
   BIAS RESISTOR TRANSISTOR, NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
logo
First Silicon Co., Ltd
S-LMUN2213LT1G FS-S-LMUN2213LT1G Datasheet
423Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
2017. 05. 10 Revision No : 0
logo
Shanghai Leiditech Elec...
LMUN5232T1G LEIDITECH-LMUN5232T1G Datasheet
925Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
LDTD123YLT1G LEIDITECH-LDTD123YLT1G Datasheet
586Kb / 3P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
SDTC114EET1 ONSEMI-SDTC114EET1 Datasheet
145Kb / 13P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
May, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com