Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT861N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ABT861N
Description  10-bit bus transceiver 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT861N Datasheet(HTML) 2 Page - NXP Semiconductors

  74ABT861N Datasheet HTML 1Page - NXP Semiconductors 74ABT861N Datasheet HTML 2Page - NXP Semiconductors 74ABT861N Datasheet HTML 3Page - NXP Semiconductors 74ABT861N Datasheet HTML 4Page - NXP Semiconductors 74ABT861N Datasheet HTML 5Page - NXP Semiconductors 74ABT861N Datasheet HTML 6Page - NXP Semiconductors 74ABT861N Datasheet HTML 7Page - NXP Semiconductors 74ABT861N Datasheet HTML 8Page - NXP Semiconductors 74ABT861N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74ABT861
10-bit bus transceiver (3-State)
2
1998 Jan 16
853-1621 18866
FEATURES
Provides high performance bus interface buffering for wide
data/address paths or buses carrying parity
Buffered control inputs for light loading, or increased fan-in as
required with MOS microprocessors
Output capability: +64mA/–32mA
Latch-up protection exceeds 500mA per Jedec Std 17
ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model
Power-up 3-State
Inputs are disabled during 3-State mode
DESCRIPTION
The 74ABT861 bus transceiver provides high performance bus
interface buffering for wide data/address paths of buses carrying
parity.
The 74ABT861 10-bit bus transceiver has NOR-ed transmit and
receive output enables for maximum control flexibility.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
CL = 50pF; VCC = 5V
3.4
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
CI/O
I/O capacitance
Outputs disabled; VO = 0V or VCC
7
pF
ICCZ
Total supply current
Outputs disabled; VCC =5.5V
500
nA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
24-Pin Plastic DIP
–40
°C to +85°C
74ABT861 N
74ABT861 N
SOT222-1
24-Pin plastic SO
–40
°C to +85°C
74ABT861 D
74ABT861 D
SOT137-1
24-Pin Plastic SSOP Type II
–40
°C to +85°C
74ABT861 DB
74ABT861 DB
SOT340-1
24-Pin Plastic TSSOP Type I
–40
°C to +85°C
74ABT861 PW
74ABT861PW DH
SOT355-1
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
15
16
17
18
19
20
21
22
23
24
OEBA
A0
A1
A2
A3
A4
A5
A6
A7
B7
A8
B6
B5
B4
B3
B2
B1
B0
VCC
B8
11
14
A9
B9
12
13
GND
OEAB
TOP VIEW
SA00278
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
13
OEAB
A side to B side output enable
input (active-Low)
2, 3, 4, 5, 6,
7, 8, 9, 10, 11
A0-A9
Data inputs/outputs (A side)
23, 22, 21, 20, 19,
18, 17, 16, 15, 14
B0-B9
Data inputs/outputs (B side)
1
OEBA
B side to A side output enable
input (active-Low)
12
GND
Ground (0V)
24
VCC
Positive supply voltage


Similar Part No. - 74ABT861N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT863 PHILIPS-74ABT863 Datasheet
103Kb / 12P
   9-bit bus transceiver 3-State
1998 Jan 16
74ABT863D PHILIPS-74ABT863D Datasheet
103Kb / 12P
   9-bit bus transceiver 3-State
1998 Jan 16
74ABT863DB PHILIPS-74ABT863DB Datasheet
103Kb / 12P
   9-bit bus transceiver 3-State
1998 Jan 16
74ABT863N PHILIPS-74ABT863N Datasheet
103Kb / 12P
   9-bit bus transceiver 3-State
1998 Jan 16
74ABT863PW PHILIPS-74ABT863PW Datasheet
103Kb / 12P
   9-bit bus transceiver 3-State
1998 Jan 16
More results

Similar Description - 74ABT861N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MB2861 PHILIPS-MB2861 Datasheet
80Kb / 5P
   Data 10-bit bus transceiver 3-State
August 27, 1993
logo
Texas Instruments
SN74LVC861A TI-SN74LVC861A Datasheet
126Kb / 8P
[Old version datasheet]   10-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC861A TI-SN74LVC861A_06 Datasheet
280Kb / 13P
[Old version datasheet]   10-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC861A TI-SN74LVC861A_V01 Datasheet
929Kb / 17P
[Old version datasheet]   10-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ABT16245B(1) PHILIPS-74ABT16245B(1)_15 Datasheet
154Kb / 15P
   16-bit bus transceiver; 3-state
Rev. 4-19 August 2014
74ABT863 PHILIPS-74ABT863 Datasheet
103Kb / 12P
   9-bit bus transceiver 3-State
1998 Jan 16
logo
Nexperia B.V. All right...
74ABT16245B-Q100 NEXPERIA-74ABT16245B-Q100 Datasheet
186Kb / 14P
   16-bit bus transceiver; 3-state
logo
NXP Semiconductors
74ABT16245B PHILIPS-74ABT16245B Datasheet
80Kb / 11P
   16-bit bus transceiver 3-state
1998 Feb 25
logo
Nexperia B.V. All right...
74ABT16245B NEXPERIA-74ABT16245B Datasheet
215Kb / 12P
   16-bit bus transceiver; 3-state
Rev. 6 - 14 July 2021
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com