Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT861N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ABT861N
Description  10-bit bus transceiver 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT861N Datasheet(HTML) 3 Page - NXP Semiconductors

  74ABT861N Datasheet HTML 1Page - NXP Semiconductors 74ABT861N Datasheet HTML 2Page - NXP Semiconductors 74ABT861N Datasheet HTML 3Page - NXP Semiconductors 74ABT861N Datasheet HTML 4Page - NXP Semiconductors 74ABT861N Datasheet HTML 5Page - NXP Semiconductors 74ABT861N Datasheet HTML 6Page - NXP Semiconductors 74ABT861N Datasheet HTML 7Page - NXP Semiconductors 74ABT861N Datasheet HTML 8Page - NXP Semiconductors 74ABT861N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74ABT861
10-bit bus transceiver (3-State)
1998 Jan 16
3
LOGIC SYMBOL
23
45
67
8
9
A0 A1 A2 A3 A4 A5 A6
A7
B0 B1 B2 B3 B4 B5 B6
B7
23
22 21
20
19
18 17
16
1
13
OEBA
OEAB
10
11
A8 A9
B8 B9
15
14
SA00279
LOGIC SYMBOL (IEEE/IEC)
1
223
322
421
520
619
718
817
916
13
1
10
15
11
14
EN1(BA)
EN2(AB)
2
SA00280
LOGIC DIAGRAM
An
Bn
10
10
OEAB
OEBA
SA00281
FUNCTION TABLE
INPUTS
OPERATING
OEAB
OEBA
MODE
L
H
A data to B bus
H
L
B data to A bus
H
H
Z
H = High voltage level
L
= Low voltage level
X = Don’t care
Z = High impedance “off” state
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +7.0
V
IIK
DC input diode current
VI < 0
–18
mA
VI
DC input voltage3
–1.2 to +7.0
V
IOK
DC output diode current
VO < 0
–50
mA
VOUT
DC output voltage3
output in Off or High state
–0.5 to +5.5
V
IOUT
DC output current
output in Low state
128
mA
Tstg
Storage temperature range
–65 to 150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.


Similar Part No. - 74ABT861N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT863 PHILIPS-74ABT863 Datasheet
103Kb / 12P
   9-bit bus transceiver 3-State
1998 Jan 16
74ABT863D PHILIPS-74ABT863D Datasheet
103Kb / 12P
   9-bit bus transceiver 3-State
1998 Jan 16
74ABT863DB PHILIPS-74ABT863DB Datasheet
103Kb / 12P
   9-bit bus transceiver 3-State
1998 Jan 16
74ABT863N PHILIPS-74ABT863N Datasheet
103Kb / 12P
   9-bit bus transceiver 3-State
1998 Jan 16
74ABT863PW PHILIPS-74ABT863PW Datasheet
103Kb / 12P
   9-bit bus transceiver 3-State
1998 Jan 16
More results

Similar Description - 74ABT861N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MB2861 PHILIPS-MB2861 Datasheet
80Kb / 5P
   Data 10-bit bus transceiver 3-State
August 27, 1993
logo
Texas Instruments
SN74LVC861A TI-SN74LVC861A Datasheet
126Kb / 8P
[Old version datasheet]   10-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC861A TI-SN74LVC861A_06 Datasheet
280Kb / 13P
[Old version datasheet]   10-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC861A TI-SN74LVC861A_V01 Datasheet
929Kb / 17P
[Old version datasheet]   10-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ABT16245B(1) PHILIPS-74ABT16245B(1)_15 Datasheet
154Kb / 15P
   16-bit bus transceiver; 3-state
Rev. 4-19 August 2014
74ABT863 PHILIPS-74ABT863 Datasheet
103Kb / 12P
   9-bit bus transceiver 3-State
1998 Jan 16
logo
Nexperia B.V. All right...
74ABT16245B-Q100 NEXPERIA-74ABT16245B-Q100 Datasheet
186Kb / 14P
   16-bit bus transceiver; 3-state
logo
NXP Semiconductors
74ABT16245B PHILIPS-74ABT16245B Datasheet
80Kb / 11P
   16-bit bus transceiver 3-state
1998 Feb 25
logo
Nexperia B.V. All right...
74ABT16245B NEXPERIA-74ABT16245B Datasheet
215Kb / 12P
   16-bit bus transceiver; 3-state
Rev. 6 - 14 July 2021
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com