Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMA-C150 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HSMA-C150
Description  High Performance ChipLED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HSMA-C150 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HSMA-C150 Datasheet HTML 1Page - List of Unclassifed Manufacturers HSMA-C150 Datasheet HTML 2Page - List of Unclassifed Manufacturers HSMA-C150 Datasheet HTML 3Page - List of Unclassifed Manufacturers HSMA-C150 Datasheet HTML 4Page - List of Unclassifed Manufacturers HSMA-C150 Datasheet HTML 5Page - List of Unclassifed Manufacturers HSMA-C150 Datasheet HTML 6Page - List of Unclassifed Manufacturers HSMA-C150 Datasheet HTML 7Page - List of Unclassifed Manufacturers HSMA-C150 Datasheet HTML 8Page - List of Unclassifed Manufacturers HSMA-C150 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Agilent HSMx-C110/C170/C190/C191/C150
High Performance ChipLED
Data Sheet
Features
• High brightness AlInGaP material
• Small size
• Industry standard footprint
• Diffused optics
• Top emitting or right angle
emitting
• Available in 3 colors
(red, orange, amber)
• Compatible with IR soldering
• Available in 8 mm tape on
7" diameter reel
• Reel sealed in zip locked moisture
barrier bags
Applications
• LCD backlighting
• Push button backlighting
• Front panel indicator
• Symbol indicator
• Microdisplays
• Small message panel signage
These ChipLEDs come either in
two top emitting packages
(HSMx-C170/C190/C191/C150)
or in a side emitting package
(HSMx-C110). The right angle
ChipLEDs are suitable for
applications such as LCD back-
lighting. The top emitting
ChipLEDs with wide viewing
angle are suitable for light piping
and direct backlighting of
keypads and panels. In order to
facilitate pick and place opera-
tion, these ChipLEDs are shipped
in tape and reel, with 4000 units
per reel for HSMx-C170/C190/
C191 and 3000 units per reel for
HSMx-C110/C150.
These packages are compatible
with IR soldering process.
Description
These chip-type LEDs utilize Alu-
minum Indium Gallium Phosphide
(AlInGaP) material technology.
The AlInGaP material has a very
high luminous efficiency, capable
of producing high light output
over a wide range of drive
currents. The available colors in
this surface mount series are
592 nm Amber, 605 nm Orange,
626 nm Red for AS AlInGaP and
631 nm red for TS AlInGaP.
All packages are binned by both
color and intensity, except for red
color.
HSMA-C110/C170/C190/C191/C150
HSML-C110/C170/C190/C191/C150
HSMC-C110/C170/C190/C191/C150
HSMZ-C110/C170/C190


Similar Part No. - HSMA-C150

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-C150 AVAGO-HSMA-C150 Datasheet
420Kb / 11P
   High Performance ChipLED
logo
Broadcom Corporation.
HSMA-C150 BOARDCOM-HSMA-C150 Datasheet
191Kb / 9P
   High Performance ChipLED
More results

Similar Description - HSMA-C150

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-C110 AVAGO-HSMX-C110 Datasheet
420Kb / 11P
   High Performance ChipLED
HSMW-C170 AVAGO-HSMW-C170 Datasheet
369Kb / 8P
   High Performance ChipLED
logo
Broadcom Corporation.
HSMA-C170-T0000 BOARDCOM-HSMA-C170-T0000 Datasheet
1Mb / 9P
   High Performance ChipLED
HSMX-C110 BOARDCOM-HSMX-C110 Datasheet
191Kb / 9P
   High Performance ChipLED
HSMA-C191-T0000 BOARDCOM-HSMA-C191-T0000 Datasheet
1Mb / 9P
   High Performance ChipLED
HSMC-C170-T0000 BOARDCOM-HSMC-C170-T0000 Datasheet
1Mb / 10P
   High Performance Surface Mount ChipLED
HSML-C170-T0000 BOARDCOM-HSML-C170-T0000 Datasheet
1Mb / 10P
   High Performance Surface Mount ChipLED
HSML-C191-T0000 BOARDCOM-HSML-C191-T0000 Datasheet
1Mb / 10P
   High Performance Surface Mount ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-4561 AVAGO-ASDL-4561 Datasheet
162Kb / 6P
   High Performance Infrared Emitter (870nm) ChipLED
ASDL-4560 AVAGO-ASDL-4560 Datasheet
158Kb / 6P
   High Performance Infrared Emitter (875nm) ChipLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com