Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSML-C110 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HSML-C110
Description  High Performance ChipLED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HSML-C110 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HSML-C110 Datasheet HTML 1Page - List of Unclassifed Manufacturers HSML-C110 Datasheet HTML 2Page - List of Unclassifed Manufacturers HSML-C110 Datasheet HTML 3Page - List of Unclassifed Manufacturers HSML-C110 Datasheet HTML 4Page - List of Unclassifed Manufacturers HSML-C110 Datasheet HTML 5Page - List of Unclassifed Manufacturers HSML-C110 Datasheet HTML 6Page - List of Unclassifed Manufacturers HSML-C110 Datasheet HTML 7Page - List of Unclassifed Manufacturers HSML-C110 Datasheet HTML 8Page - List of Unclassifed Manufacturers HSML-C110 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Optical Characteristics
TA = 25°C
Luminous
Color,
Viewing
Luminous
Intensity
Peak
Dominant
Angle
Efficacy
Iv (mcd)
Wavelength
Wavelength
2
θ1/2
ηv
Part
@ 20 mA[1]
λpeak (nm)
λd[2] (nm)
Degrees[3]
(lm/w)
Number
Color
Min.
Typ.
Typ.
Typ.
Typ.
Typ.
HSMA-C110
AS Amber
28.5
95
595
592
130
480
HSMA-C170/190/191/150
AS Amber
28.5
90
595
592
170
480
HSML-C110
AS Orange
28.5
95
609
605
130
370
HSML-C170/190/191/150
AS Orange
28.5
90
609
605
170
370
HSMC-C110
AS Red
28.5
95
637
626
130
155
HSMC-C170/190/191/150
AS Red
28.5
90
637
626
170
155
HSMZ-C110
TS Red
45
170
643
631
130
122
HSMZ-C170/190
TS Red
45
165
643
631
170
122
Notes:
1. The luminous intensity, Iv, is measured at the peak of the spatial radiation pattern which may not be aligned with the mechanical axis of the
lamp package.
2. The dominant wavelength,
λd, is derived from the CIE Chromaticity Diagram and represents the perceived color of the device.
3.
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity.
Electrical Characteristics
TA = 25°C
Forward Voltage
Reverse Breakdown
Capacitance C
Thermal
VF (Volts)
VR (Volts)
(pF), VF = 0,
Resistance
@ IF = 20 mA
@ IR = 100 µA
f = 1 MHz
R
θJ-PIN = (°C/W)
Parameter Number
Typ.
Max.
Min.
Typ.
Typ.
HSMA-C110
1.9
2.4
5
45
600
HSML-C110
1.9
2.4
5
45
600
HSMC-C110
1.9
2.4
5
45
600
HSMZ-C110
2.2
2.6
5
35
600
HSMA-C170/190/191/150
1.9
2.4
5
45
300
HSML-C170/190/191/150
1.9
2.4
5
45
300
HSMC-C170/190/191/150
1.9
2.4
5
45
300
HSMZ-C170/190
2.2
2.6
5
35
300


Similar Part No. - HSML-C110

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSML-C110 AVAGO-HSML-C110 Datasheet
420Kb / 11P
   High Performance ChipLED
logo
Broadcom Corporation.
HSML-C110 BOARDCOM-HSML-C110 Datasheet
191Kb / 9P
   High Performance ChipLED
More results

Similar Description - HSML-C110

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-C110 AVAGO-HSMX-C110 Datasheet
420Kb / 11P
   High Performance ChipLED
HSMW-C170 AVAGO-HSMW-C170 Datasheet
369Kb / 8P
   High Performance ChipLED
logo
Broadcom Corporation.
HSMA-C170-T0000 BOARDCOM-HSMA-C170-T0000 Datasheet
1Mb / 9P
   High Performance ChipLED
HSMX-C110 BOARDCOM-HSMX-C110 Datasheet
191Kb / 9P
   High Performance ChipLED
HSMA-C191-T0000 BOARDCOM-HSMA-C191-T0000 Datasheet
1Mb / 9P
   High Performance ChipLED
HSMC-C170-T0000 BOARDCOM-HSMC-C170-T0000 Datasheet
1Mb / 10P
   High Performance Surface Mount ChipLED
HSML-C170-T0000 BOARDCOM-HSML-C170-T0000 Datasheet
1Mb / 10P
   High Performance Surface Mount ChipLED
HSML-C191-T0000 BOARDCOM-HSML-C191-T0000 Datasheet
1Mb / 10P
   High Performance Surface Mount ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-4561 AVAGO-ASDL-4561 Datasheet
162Kb / 6P
   High Performance Infrared Emitter (870nm) ChipLED
ASDL-4560 AVAGO-ASDL-4560 Datasheet
158Kb / 6P
   High Performance Infrared Emitter (875nm) ChipLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com