Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3920-0000T Datasheet(PDF) 3 Page - 3M Electronics

Part # A3920-0000T
Description  100 x 100, PCB Two Row
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

A3920-0000T Datasheet(HTML) 3 Page - 3M Electronics

  A3920-0000T Datasheet HTML 1Page - 3M Electronics A3920-0000T Datasheet HTML 2Page - 3M Electronics A3920-0000T Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
.100
″  .100″ PCB
Two Row
3900 Series
Contact
Dimensions
Contact
Quantity
A
B
C
D
E
06
15.2 [ 0.60 ]
12.8 [ 0.50 ]
14.6 [ 0.57 ]
15.2 [ 0.60 ]
5.1 [ 0.20 ]
08
17.7 [ 0.70 ]
15.3 [ 0.60 ]
17.1 [ 0.67 ]
17.7 [ 0.70 ]
7.6 [ 0.30 ]
10
20.4 [ 0.80 ]
17.8 [ 0.70 ]
19.8 [ 0.78 ]
20.4 [ 0.80 ]
10.2 [ 0.40 ]
14
25.5 [ 1.00 ]
22.9 [ 0.90 ]
25.0 [ 0.98 ]
25.5 [ 1.00 ]
15.2 [ 0.60 ]
16
28.1 [ 1.10 ]
25.5 [ 1.00 ]
27.4 [ 1.08 ]
28.1 [ 1.10 ]
17.8 [ 0.70 ]
20
33.1 [ 1.30 ]
30.5 [ 1.20 ]
32.5 [ 1.28 ]
33.1 [ 1.30 ]
22.9 [ 0.90 ]
24
38.0 [ 1.50 ]
35.6 [ 1.40 ]
37.4 [ 1.47 ]
38.0 [ 1.50 ]
27.9 [ 1.10 ]
26
40.8 [ 1.60 ]
38.2 [ 1.50 ]
40.0 [ 1.57 ]
40.8 [ 1.60 ]
30.5 [ 1.20 ]
30
45.6 [ 1.80 ]
43.2 [ 1.70 ]
45.0 [ 1.77 ]
45.6 [ 1.80 ]
35.6 [ 1.40 ]
34
50.9 [ 2.00 ]
48.3 [ 1.90 ]
50.3 [ 1.98 ]
50.9 [ 2.00 ]
40.6 [ 1.60 ]
36
53.3 [ 2.10 ]
50.9 [ 2.00 ]
52.6 [ 2.07 ]
53.3 [ 2.10 ]
43.2 [ 1.70 ]
40
58.5 [ 2.30 ]
55.9 [ 2.20 ]
58.0 [ 2.28 ]
58.5 [ 2.30 ]
48.3 [ 1.90 ]
50
71.2 [ 2.80 ]
68.6 [ 2.70 ]
70.6 [ 2.78 ]
71.2 [ 2.80 ]
61.0 [ 2.40 ]
60
83.9 [ 3.30 ]
81.3 [ 3.20 ]
83.3 [ 3.28 ]
83.9 [ 3.30 ]
73.7 [ 2.90 ]
64
89.0 [ 3.50 ]
86.4 [ 3.40 ]
88.4 [ 3.48 ]
89.0 [ 3.50 ]
78.7 [ 3.10 ]
∅ 0.89
[ .035 ]
(After Plating)
Each location may
vary
± 0.05 [ .002 ]
from Datum line X.
TS-0004-13
Sheet 3 of 3
Recommended Board Layout
2.54
[ .100 ]
2.23
[ 0.88 ]
7.01
[ .276 ]
2.54
± 0.05
[ .100 ]
–X–
E
D
10.16
[ .400 ]


Similar Part No. - A3920-0000T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A392 ETC2-A392 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
A392 ETC2-A392 Datasheet
657Kb / 17P
   TO CHANGE WITHOUT NOTICE ACCESSORIES
logo
Allegro MicroSystems
A3921 ALLEGRO-A3921 Datasheet
401Kb / 21P
   Automotive Full Bridge MOSFET Driver
A3921 ALLEGRO-A3921_16 Datasheet
401Kb / 21P
   Automotive Full Bridge MOSFET Driver
A3922 ALLEGRO-A3922 Datasheet
615Kb / 53P
   Automotive, Full-Bridge MOSFET Driver
More results

Similar Description - A3920-0000T

ManufacturerPart #DatasheetDescription
logo
3M Electronics
99410-0016T 3M-99410-0016T Datasheet
112Kb / 4P
   Pak 100 PCB 100 횞 100 Two Row
4600 3M-4600 Datasheet
45Kb / 4P
   100 X 100, Plug
logo
Adam Technologies, Inc.
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHF34SGL ADAM-TECH-MHF34SGL Datasheet
127Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
logo
List of Unclassifed Man...
FFB1012EHE ETC2-FFB1012EHE Datasheet
399Kb / 1P
   100 x 100 x 38 MM SERIES
logo
Adam Technologies, Inc.
MHF-34-SGL ADAM-TECH-MHF-34-SGL Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com